Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 429 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 429 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 425Page - Renesas Technology Corp H8/3021 Datasheet HTML 426Page - Renesas Technology Corp H8/3021 Datasheet HTML 427Page - Renesas Technology Corp H8/3021 Datasheet HTML 428Page - Renesas Technology Corp H8/3021 Datasheet HTML 429Page - Renesas Technology Corp H8/3021 Datasheet HTML 430Page - Renesas Technology Corp H8/3021 Datasheet HTML 431Page - Renesas Technology Corp H8/3021 Datasheet HTML 432Page - Renesas Technology Corp H8/3021 Datasheet HTML 433Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 429 / 712 page
background image
12. Smart Card Interface
Rev.2.00 Mar. 22, 2007 Page 405 of 684
REJ09B0352-0200
The operation sequence is as follows.
[1] When the data line is not in use it is in the high-impedance state, and is fixed high with a pull-
up resistor.
[2] The transmitting station starts a date transfer of one frame. The data frame starts with a start bit
(Ds, low-level). Then 8 data bits (D0 to D7) and a parity bit (Dp) follows.
[3] With the Smart Card interface, the data line then returns to the high-impedance state. The data
line is pulled high with a pull-up resistor.
[4] The receiving station carries out a parity check.
If there is no parity error and the data is received normally, the receiving station waits for
reception of the next data.
If a parity error occurs, however, the receiving station outputs an error signal (DE, low-level)
to request retransmission of the data. After outputting the error signal for the prescribed length
of time, the receiving station places the signal line in the high-impedance state again. The
signal line is pulled high again by a pull-up resistor.
[5] If the transmitting station does not receive an error signal, it proceeds to transmit the next data
frame.
If it does receive an error signal, however, it returns to step [2] and retransmits the erroneous
data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com