Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 432 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 432 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 428Page - Renesas Technology Corp H8/3021 Datasheet HTML 429Page - Renesas Technology Corp H8/3021 Datasheet HTML 430Page - Renesas Technology Corp H8/3021 Datasheet HTML 431Page - Renesas Technology Corp H8/3021 Datasheet HTML 432Page - Renesas Technology Corp H8/3021 Datasheet HTML 433Page - Renesas Technology Corp H8/3021 Datasheet HTML 434Page - Renesas Technology Corp H8/3021 Datasheet HTML 435Page - Renesas Technology Corp H8/3021 Datasheet HTML 436Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 432 / 712 page
background image
12. Smart Card Interface
Rev.2.00 Mar. 22, 2007 Page 408 of 684
REJ09B0352-0200
12.3.5
Clock
Only an internal clock generated by the on-chip baud rate generator can be used as the
transmit/receive clock for the smart card interface. The bit rate is set with BRR and the CKS1 and
CKS0 bits in SMR. The formula for calculating the bit rate is as shown below. Table 12.5 shows
some sample bit rates.
If clock output is selected by setting CKE0 to 1, a clock with a frequency of 372 times the bit rate
is output from the SCK
0 pin.
φ
B =
1488
× 22n–1 × (N + 1)
× 106
Where: N = Value set in BRR (0
≤ N ≤ 255)
B = Bit rate (bit/s)
φ = Operating frequency* (MHz)
n = See table 12.4
Table 12.4
Correspondence between n and CKS1, CKS0
n
CKS1
CKS0
0
0
0
1
1
2
1
0
3
1
Note:
If the gear function is used to divide the system clock frequency,use the divided frequency
to calculate the bit rate. The equation above applies directly to 1/1 frequency division.
Table 12.5
Examples of Bit Rate B (bit/s) for Various BRR Settings (When n = 0)
φ (MHz)
N
7.1424
10.00
10.7136
13.00
14.2848
16.00
18.00
0
9600.0
13440.9
14400.0
17473.1
19200.0
21505.4
24193.5
1
4800.0
6720.4
7200.0
8736.6
9600.0
10752.7
12096.8
2
3200.0
4480.3
4800.0
5824.4
6400.0
7168.5
8064.5
Note:
Bit rates are rounded off to one decimal place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com