Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 507 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 507 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 503Page - Renesas Technology Corp H8/3021 Datasheet HTML 504Page - Renesas Technology Corp H8/3021 Datasheet HTML 505Page - Renesas Technology Corp H8/3021 Datasheet HTML 506Page - Renesas Technology Corp H8/3021 Datasheet HTML 507Page - Renesas Technology Corp H8/3021 Datasheet HTML 508Page - Renesas Technology Corp H8/3021 Datasheet HTML 509Page - Renesas Technology Corp H8/3021 Datasheet HTML 510Page - Renesas Technology Corp H8/3021 Datasheet HTML 511Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 507 / 712 page
background image
15. ROM
Rev.2.00 Mar. 22, 2007 Page 483 of 684
REJ09B0352-0200
15.8.2
Software Protection
Software protection can be implemented by setting the erase block register 1 (EBR1), erase block
register 2 (EBR2), and the RAMS bit in the RAM emulation register (RAMER). When software
protection is in effect, setting the P or E bit in flash memory control register 1 (FLMCR1), does
not cause a transition to program mode or erase mode. (See table 15.12.)
Table 15.12 Software Protection
Functions
Item
Description
Program Erase
Verify*
1
Block
specification
protection
• Erase protection can be set for individual
blocks by settings in erase block register 1
(EBR1)*
2 and erase block register 2
(EBR2)*
2. However, programming
protection is disabled.
• Setting EBR1 and EBR2 to H'00 places all
blocks in the erase-protected state.
—
No
Yes
Emulation
protection
• Setting the RAMS bit to 1 in the RAM
emulation register (RAMER) places all
blocks in the program/erase-protected
state.
No*
3
No*
4
Yes
Notes: 1. Two modes: program-verify and erase-verify.
2. When not erasing, clear all EBR1, EBR2 bits to H'00.
3. A RAM area overlapping flash memory can be written to.
4. All blocks are unerasable and block-by-block specification is not possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com