Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 504 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 504 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 500Page - Renesas Technology Corp H8/3021 Datasheet HTML 501Page - Renesas Technology Corp H8/3021 Datasheet HTML 502Page - Renesas Technology Corp H8/3021 Datasheet HTML 503Page - Renesas Technology Corp H8/3021 Datasheet HTML 504Page - Renesas Technology Corp H8/3021 Datasheet HTML 505Page - Renesas Technology Corp H8/3021 Datasheet HTML 506Page - Renesas Technology Corp H8/3021 Datasheet HTML 507Page - Renesas Technology Corp H8/3021 Datasheet HTML 508Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 504 / 712 page
background image
15. ROM
Rev.2.00 Mar. 22, 2007 Page 480 of 684
REJ09B0352-0200
End of erasing
Start
Set SWE bit in FLMCR1
Set ESU bit in FLMCR1
Set E bit in FLMCR1
Wait (tsswe)
μs
Wait (tsesu)
μs
n = 1
Set EBR1 or EBR2
Enable WDT
*5
*5
*3
Wait (tse) ms
*5
Wait (tce)
μs
*5
Wait (tcesu)
μs
*5
Wait (tsev)
μs
Set block start address to verify address
*5
Wait (tsevr)
μs
*5
*2
*5
*5
Wait (tcev)
μs
*5
*5
*5
*4
Start erase
Clear E bit in FLMCR1
Clear ESU bit in FLMCR1
Set EV bit in FLMCR1
H'FF dummy write to verify address
Read verify data
Clear EV bit in FLMCR1
Wait (tcev)
μs
Clear EV bit in FLMCR1
Clear SWE bit in FLMCR1
Disable WDT
Halt erase
*1
Verify data = all "1"?
Last address of block?
End of
erasing of all erase
blocks?
Erase failure
Clear SWE bit in FLMCR1
n
≥ (N)?
No
No
No
No
Yes
Yes
Yes
Yes
n
← n + 1
Increment
address
Wait (tcswez)
μs
Wait (tcswe)
μs
Notes: 1. Preprogramming (setting erase block data to all "0") is not necessary.
2. Verify data is read in 16-bit (word) units.
3. Set only one bit in the erase block register (EBR1/EBR2). More than one bit must not be set.
4. Erasing is performed in block units. To erase a number of blocks, each block must be erased in turn.
5. The wait times and the value of N are shown in table 18.15, Flash Memory Characteristics.
Erasing must be performed
in block units.
Re-erase
Figure 15.12 H8/3022F Erase/Erase-Verify Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com