Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 501 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 501 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 497Page - Renesas Technology Corp H8/3021 Datasheet HTML 498Page - Renesas Technology Corp H8/3021 Datasheet HTML 499Page - Renesas Technology Corp H8/3021 Datasheet HTML 500Page - Renesas Technology Corp H8/3021 Datasheet HTML 501Page - Renesas Technology Corp H8/3021 Datasheet HTML 502Page - Renesas Technology Corp H8/3021 Datasheet HTML 503Page - Renesas Technology Corp H8/3021 Datasheet HTML 504Page - Renesas Technology Corp H8/3021 Datasheet HTML 505Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 501 / 712 page
background image
15. ROM
Rev.2.00 Mar. 22, 2007 Page 477 of 684
REJ09B0352-0200
Table 15.10 Additional-Programming Data Computation Table
(X')
Result of Verify-Read
after Write Pulse
Application (V)
(Y)
Result of
Operation
Comments
0
0
1
Programming by write pulse application judged to
be completed: additional programming processing
to be executed
0
1
0
Programming by write pulse application
incomplete: additional programming processing
not to be executed
1
0
1
Programming already completed: additional
programming processing not to be executed
1
1
1
Still in erased state: no action
Legend:
X': Data of bits on which reprogramming is executed in a certain reprogramming loop
Y: Data of bits on which additional programming is executed
7. It is necessary to execute additional programming processing during the course of the
H8/3022F program/program-verify procedure. However, once 128-byte-unit programming is
finished, additional programming should not be carried out on the same address area. When
executing reprogramming, an erase must be executed first. Note that normal operation of reads,
etc., is not guaranteed if additional programming is performed on addresses for which a
program/program-verify operation has finished.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com