Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 500 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 500 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 496Page - Renesas Technology Corp H8/3021 Datasheet HTML 497Page - Renesas Technology Corp H8/3021 Datasheet HTML 498Page - Renesas Technology Corp H8/3021 Datasheet HTML 499Page - Renesas Technology Corp H8/3021 Datasheet HTML 500Page - Renesas Technology Corp H8/3021 Datasheet HTML 501Page - Renesas Technology Corp H8/3021 Datasheet HTML 502Page - Renesas Technology Corp H8/3021 Datasheet HTML 503Page - Renesas Technology Corp H8/3021 Datasheet HTML 504Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 500 / 712 page
background image
15. ROM
Rev.2.00 Mar. 22, 2007 Page 476 of 684
REJ09B0352-0200
Table 15.8
Wait Time after P Bit Setting
Item
Symbol
Symbol
Wait time after P bit setting
t
SP
When reprogramming loop count (n)
is 1 to 6
t
sp30
When reprogramming loop count (n)
is 7 or more
t
sp200
In case of additional programming
processing*
t
sp10
Note:
*
Additional programming processing is necessary only when the reprogramming loop
count (n) is 1 to 6.
6. The program/program-verify flowchart for the H8/3022F is shown in figure 15.11.
To cover the points noted above, bits on which reprogramming processing is to be executed,
and bits on which additional programming is to be executed, must be determined as shown
below.
Since reprogram data and additional-programming data vary according to the progress of the
programming procedure, it is recommended that the following data storage areas (128 bytes
each) be provided in RAM.
Table 15.9
Reprogram Data Computation Table
(D)
Result of Verify-Read
after Write Pulse
Application (V)
(X)
Result of
Operation
Comments
0
0
1
Programming completed: reprogramming
processing not to be executed
0
1
0
Programming incomplete: reprogramming
processing to be executed
1
0
1
—
1
1
1
Still in erased state: no action
Legend:
D: Source data of bits on which programming is executed.
X: Source data of bits on which reprogramming is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com