Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 497 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 497 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 493Page - Renesas Technology Corp H8/3021 Datasheet HTML 494Page - Renesas Technology Corp H8/3021 Datasheet HTML 495Page - Renesas Technology Corp H8/3021 Datasheet HTML 496Page - Renesas Technology Corp H8/3021 Datasheet HTML 497Page - Renesas Technology Corp H8/3021 Datasheet HTML 498Page - Renesas Technology Corp H8/3021 Datasheet HTML 499Page - Renesas Technology Corp H8/3021 Datasheet HTML 500Page - Renesas Technology Corp H8/3021 Datasheet HTML 501Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 497 / 712 page
background image
15. ROM
Rev.2.00 Mar. 22, 2007 Page 473 of 684
REJ09B0352-0200
Normal mode
On-board
programming mode
Software programming
disable state
Erase setup
state
Erase mode
Erase-verify
mode
SWE = 1
SWE = 0
FWE = 1
FWE = 0
E = 1
E = 0
Software
programming
enable
state
*1
*2
*3
ESU = 1
ESU = 0
EV = 1
EV = 0
Program setup
state
Program mode
Program-verify
mode
P = 1
P = 0
**4
PV = 0
PV = 1
PSU = 1
PSU = 0
Notes: In order to perform a normal read of flash memory, SWE must be cleared to 0.
Also note that verify-reads can be performed during the programming/erasing process.
1.
: Normal mode
: On-board programming mode
2. Do not make a state transition by setting/clearing multiple bits simultaneously.
3. After a transition from erase mode to the erase setup state, do not enter erase mode without passing
through the software programming enable state.
4. After a transition from program mode to the program setup state, do not enter program mode without
passing through the software programming enable state.
Figure 15.10 State Transitions Caused by FLMCR1 Bit Settings
15.7.1
Program Mode
When writing data or programs to flash memory, the program/program-verify flowchart shown in
figure 15.11 should be followed. Performing program operations according to this flowchart will
enable data or programs to be written to flash memory without subjecting the device to voltage
stress or sacrificing program data reliability. Programming should be carried out 128 bytes at a
time.
Following the elapse of (t
sswe) µs or more after the SWE bit is set to 1 in flash memory control
register 1 (FLMCR1), 128-byte program data is stored in the program data area and reprogram
data area, and the 128-byte data in the program data area in RAM is written consecutively to the
program address (the lower 8 bits of the first address written to must be H'00 or H'80). 128
consecutive byte data transfers are performed. The program address and program data are latched



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com