Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 493 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 493 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 489Page - Renesas Technology Corp H8/3021 Datasheet HTML 490Page - Renesas Technology Corp H8/3021 Datasheet HTML 491Page - Renesas Technology Corp H8/3021 Datasheet HTML 492Page - Renesas Technology Corp H8/3021 Datasheet HTML 493Page - Renesas Technology Corp H8/3021 Datasheet HTML 494Page - Renesas Technology Corp H8/3021 Datasheet HTML 495Page - Renesas Technology Corp H8/3021 Datasheet HTML 496Page - Renesas Technology Corp H8/3021 Datasheet HTML 497Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 493 / 712 page
background image
15. ROM
Rev.2.00 Mar. 22, 2007 Page 469 of 684
REJ09B0352-0200
rate value remains set in the bit rate register (BRR). The transmit data output pin, TXD
1 , goes
to the high-level output state (P9
1DDR = 1 in P9DDR, P91DR = 1 in P9DR).
The contents of the CPU's internal general registers are undefined at this time, so these
registers must be initialized immediately after branching to the user program. In particular,
since the stack pointer (SP) is used implicitly in subroutine calls, etc., a stack area must be
specified for use by the user program.
The initial values of other on-chip registers are not changed.
6. Boot mode can be entered by setting pins MD
0 to MD2 and FWE in accordance with the mode
setting conditions shown in table 15.6, and then executing a reset-start.
On reset release (a low-to-high transition)*
1, the H8/3022 latches the current mode pin states
internally and maintains the boot mode state. Boot mode can be cleared by driving the FWE
pin low during the reset, then executing reset release*
1, but the following points must be noted.
a. When switching from boot mode to normal mode, the boot mode state within the chip must
first be cleared by reset input via the
RES pin. The RES pin must be held low for at least
20 system clock cycles.*
3
b. Do not change the input levels of the mode pins (MD
2 to MD0) or the FWE pin in boot
mode. To change the mode, the
RES pin must first be driven low to set the reset start.
Also, if a watchdog timer reset occurs in the boot mode state, the MCU’s internal state will
not be cleared, and the on-chip boot program will be restarted regardless of the mode pin
states.
c. Do not drive the FWE pin low during boot program execution or flash memory
programming/erasing*
2.
7. If the mode pin and FWE pin input levels are changed from 0 V to VCC or from VCC to 0V
during a reset (while a low level is being input to the
RES pin), the MCU’s operating mode
will change. As a result, the state of ports with multiplexed address functions and bus control
output signals (
AS, RD, WR) may also change. Therefore, care must be taken to make pin
settings to prevent these pins from becoming output signal pins during a reset, or to prevent
collision with signals outside the MCU.
Notes: 1. Mode pin and FWE pin input must satisfy the mode programming setup time (t
MDS)
with respect to the reset release timing.
2. For further information on FWE application and disconnection, see section 15.11,
Flash Memory Programming and Erasing Precautions.
3. See section 4.2.2, Reset Sequence, and section 15.11, Flash Memory Programming and
Erasing Precautions. The reset period during operation is a minimum of 10 system
clock cycles for the H8/3022, H8/3021, and H8/3020 mask ROM versions, but a
minimum of 20 system clock cycles for the H8/3022 flash memory version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com