Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 491 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 491 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 487Page - Renesas Technology Corp H8/3021 Datasheet HTML 488Page - Renesas Technology Corp H8/3021 Datasheet HTML 489Page - Renesas Technology Corp H8/3021 Datasheet HTML 490Page - Renesas Technology Corp H8/3021 Datasheet HTML 491Page - Renesas Technology Corp H8/3021 Datasheet HTML 492Page - Renesas Technology Corp H8/3021 Datasheet HTML 493Page - Renesas Technology Corp H8/3021 Datasheet HTML 494Page - Renesas Technology Corp H8/3021 Datasheet HTML 495Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 491 / 712 page
background image
15. ROM
Rev.2.00 Mar. 22, 2007 Page 467 of 684
REJ09B0352-0200
Automatic SCI Bit Rate Adjustment
Start
bit
Stop
bit
D0
D1
D2
D3
D4
D5
D6
D7
Low period (9 bits) measured (H'00 data)
High period
(1 or more bits)
When boot mode is initiated, the LSI measures the low period of the asynchronous SCI
communication data (H'00) transmitted continuously from the host. The SCI transmit/receive
format should be set as follows: 8-bit data, 1 stop bit, no parity. The LSI calculates the bit rate of
the transmission from the host from the measured low period, and transmits one H'00 byte to the
host to indicate the end of bit rate adjustment. The host should confirm that this adjustment end
indication (H'00) has been received normally, and transmit one H'55 byte to the LSI. If reception
cannot be performed normally, initiate boot mode again (reset), and repeat the above operations.
Depending on the host’s transmission bit rate and the LSI’s system clock frequency, there will be
a discrepancy between the bit rates of the host and the LSI. Set the host transfer bit rate at 4,800,
9,600 or 19,200 bps*
1 to operate the SCI properly.
Table 15.7 shows host transfer bit rates and system clock frequencies for which automatic
adjustment of the LSI bit rate is possible. The boot program should be executed within this system
clock range.*
2
Table 15.7
System Clock Frequencies for which Automatic Adjustment of LSI Bit Rate is
Possible
Host Bit Rate
System Clock Frequency for Which Automatic Adjustment
of LSI Bit Rate is Possible (MHz)
4,800 bps
4 to 18
9,600 bps
8 to 18
19,200 bps
16 to 18
Notes: 1. Use a host bit rate setting of 4800, 9600, or 19200 bps only. No other setting should be
used.
2. Although the H8/3022 may also perform automatic bit rate adjustment with bit rate and
system clock combinations other than those shown in table 15.7, a degree of error will
arise between the bit rates of the host and the H8/3022, and subsequent transfer will
not be performed normally. Therefore, only combinations of bit rate and system clock
within the ranges shown in table 15.7 can be used for boot mode execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com