Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 487 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 487 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 483Page - Renesas Technology Corp H8/3021 Datasheet HTML 484Page - Renesas Technology Corp H8/3021 Datasheet HTML 485Page - Renesas Technology Corp H8/3021 Datasheet HTML 486Page - Renesas Technology Corp H8/3021 Datasheet HTML 487Page - Renesas Technology Corp H8/3021 Datasheet HTML 488Page - Renesas Technology Corp H8/3021 Datasheet HTML 489Page - Renesas Technology Corp H8/3021 Datasheet HTML 490Page - Renesas Technology Corp H8/3021 Datasheet HTML 491Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 487 / 712 page
background image
15. ROM
Rev.2.00 Mar. 22, 2007 Page 463 of 684
REJ09B0352-0200
15.5.6
Differences from H8/3039 F-ZTAT Group
Table 15.5
Comparison of H8/3039F and H8/3022F
H8/3039F
H8/3022F
Size
128 kbytes
256 kbytes
Program/erase voltage
Supplied from VCC
Supplied from VCC
Programming
Programming
unit
32-byte simultaneous
programming
128-byte simultaneous
programming
Write pulse
application
method
150
μs × 4 + 500 μs × 399
30
μs × 6 + 200 μs × 994
(with 10
μs additional
programming)*
1
Erasing
Block
configuration
8 blocks
1 kbyte
× 4, 28 kbytes × 1,
32 kbytes
× 3
12 blocks
4 kbytes
× 8, 32 kbytes × 1,
64 kbytes
× 3
EBR
configuration
EBR: H'FF42
7
EB7
6
EB6
5
EB5
4
EB4
3
EB3
2
EB2
1
EB1
0
EB0
EBR1: H'FF42
7
EB7
6
EB6
5
EB5
4
EB4
3
EB3
2
EB2
1
EB1
0
EB0
EBR2: H'FF43
7
—
6
—
5
—
4
—
3
EB11
2
EB10
1
EB9
0
EB8
RAM
emulation
RAM area
1 kbyte
(H'FF800 to H'FFBFF)
4 kbytes
(H'FE000 to H'FEFFF)
Applicable
blocks
EB0 to EB3
EB0 to EB7
RAMCR
configuration
RAMCR: H'FF47
7
—
6
—
5
—
4
—
3
RAMS
2
RAM2
1
RAM1
0
—
RAMER: H'FF47
7
—
6
—
5
—
4
—
3
RAMS
2
RAM2
1
RAM1
0
RAM0
Flash error
FLER bit
FLMSR: H'FF4D
7
FLER
6
—
5
—
4
—
3
—
2
—
1
—
0
—
FLMCR2: H'FF41
7
FLER
6
—
5
—
4
—
3
—
2
—
1
—
0
—
Flash memory
characteristics
Wait after SWE
clearing
—
t
CSWE specification must be
met*
2
Boot mode
Bit rate
9,600 bps, 4,800 bps
19,200 bps, 9,600 bps,
4,800 bps
Boot area
H'FEF10 to H'FF2FF
H'FFDF10 to H'FFE70F
User area
H'FF300 to H'FFF0F
H'FFE710 to H'FFFF0F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com