Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 484 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 484 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 480Page - Renesas Technology Corp H8/3021 Datasheet HTML 481Page - Renesas Technology Corp H8/3021 Datasheet HTML 482Page - Renesas Technology Corp H8/3021 Datasheet HTML 483Page - Renesas Technology Corp H8/3021 Datasheet HTML 484Page - Renesas Technology Corp H8/3021 Datasheet HTML 485Page - Renesas Technology Corp H8/3021 Datasheet HTML 486Page - Renesas Technology Corp H8/3021 Datasheet HTML 487Page - Renesas Technology Corp H8/3021 Datasheet HTML 488Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 484 / 712 page
background image
15. ROM
Rev.2.00 Mar. 22, 2007 Page 460 of 684
REJ09B0352-0200
The flash memory block configuration is shown in table 15.3.
A total memory erase is carried out by erasing individual blocks in turn.
Bit:
7
6
5
4
3
2
1
0
EB7
EB6
EB5
EB4
EB3
EB2
EB1
EB0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
15.5.4
Erase Block Register 2 (EBR2)
EBR2 is an 8-bit register that specifies the flash memory erase area block by block. EBR2 is
initialized to H'00 by a power-on reset, in hardware standby mode and software standby mode,
when a low level is input to the FWE pin. Bit 0 will be initialized to 0 if bit SWE of FLMCR1 is
not set, even though a high level is input to pin FWE. When a bit in EBR2 is set to 1, the
corresponding block can be erased. Other blocks are erase-protected. Only one of the bits of EBR1
and EBR2 combined can be set. Do not set more than one bit, as this will cause all the bits in both
EBR1 and EBR2 to be automatically cleared to 0. Bits 7 to 4 are reserved and must only be
written with 0. When on-chip flash memory is disabled, a read will return H'00, and writes are
invalid.
The flash memory block configuration is shown in table 15.3.
A total memory erase is carried out by erasing individual blocks in turn.
Note:
Bits 7 to 4 in this register must not be set to 1. If bits 7 to 4 are set when an EBR1/EBR2
bit is set, EBR1/EBR2 will be initialized to H'00.
Bit:
7
6
5
4
3
2
1
0
—
—
—
—
EB11
EB10
EB9
EB8
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com