Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 482 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 482 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 478Page - Renesas Technology Corp H8/3021 Datasheet HTML 479Page - Renesas Technology Corp H8/3021 Datasheet HTML 480Page - Renesas Technology Corp H8/3021 Datasheet HTML 481Page - Renesas Technology Corp H8/3021 Datasheet HTML 482Page - Renesas Technology Corp H8/3021 Datasheet HTML 483Page - Renesas Technology Corp H8/3021 Datasheet HTML 484Page - Renesas Technology Corp H8/3021 Datasheet HTML 485Page - Renesas Technology Corp H8/3021 Datasheet HTML 486Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 482 / 712 page
background image
15. ROM
Rev.2.00 Mar. 22, 2007 Page 458 of 684
REJ09B0352-0200
Bit 0—Program (P): Selects program mode transition or clearing. Do not set the SWE, PSU,
ESU, EV, PV, or E bit at the same time.
Bit 0
P
Description
0
Program mode cleared
(Initial value)
1
Transition to program mode*
[Setting condition]
When FWE = 1, SWE = 1, and PSU = 1
Note:
*
Do not access flash memory while the P bit is set to 1.
15.5.2
Flash Memory Control Register 2 (FLMCR2)
FLMCR2 is an 8-bit register used for flash memory operating mode control. FLMCR2 is
initialized to H'00 by a power-on reset, and in hardware standby mode and software standby mode.
When on-chip flash memory is disabled, a read will return H'00.
Note:
FLMCR2 is a read-only register; it must not be written to.
Bit:
7
6
5
4
3
2
1
0
FLER
—
—
—
—
—
—
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit 7—Flash Memory Error (FLER): Indicates that an error has occurred during an operation on
flash memory (programming or erasing). When FLER is set to 1, flash memory goes to the error-
protection state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com