Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 479 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 479 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 475Page - Renesas Technology Corp H8/3021 Datasheet HTML 476Page - Renesas Technology Corp H8/3021 Datasheet HTML 477Page - Renesas Technology Corp H8/3021 Datasheet HTML 478Page - Renesas Technology Corp H8/3021 Datasheet HTML 479Page - Renesas Technology Corp H8/3021 Datasheet HTML 480Page - Renesas Technology Corp H8/3021 Datasheet HTML 481Page - Renesas Technology Corp H8/3021 Datasheet HTML 482Page - Renesas Technology Corp H8/3021 Datasheet HTML 483Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 479 / 712 page
background image
15. ROM
Rev.2.00 Mar. 22, 2007 Page 455 of 684
REJ09B0352-0200
15.5
Register Descriptions
15.5.1
Flash Memory Control Register 1 (FLMCR1)
FLMCR1 is an 8-bit register used for flash memory operating mode control. Program-verify mode
or erase-verify mode is entered by setting SWE bit to 1 when FWE = 1, then setting the PV or EV
bit. Program mode is entered by setting SWE1 bit to 1 when FWE = 1, then setting the PSU bit,
and finally setting the P bit. Erase mode is entered by setting SWE bit to 1 when FWE = 1, then
setting the ESU bit, and finally setting the E bit. FLMCR1 is initialized by a power-on reset, and
in hardware standby mode and software standby mode. Its initial value is H'80 when a high level
is input to the FWE pin, and H'00 when a low level is input. When on-chip flash memory is
disabled, a read will return H'00, and writes are invalid.
Writes are enabled only in the following cases: Writes to bit SWE of FLMCR1 enabled when
FWE = 1, to bits ESU, PSU, EV, and PV when FWE = 1 and SWE = 1, to bit E when FWE = 1,
SWE = 1 and ESU = 1, and to bit P when FWE = 1, SWE = 1, and PSU = 1.
Notes: 1. To prevent erroneous programming or erasing, the setting of individual bits in this
register must be carried out in accordance with the programming and erase flowcharts.
2. Transitions are made to program mode, erase mode, program-verify mode, and erase-
verify mode according to the settings in this register. When reading flash memory as
normal on-chip ROM, bits 6 to 0 in this register must be cleared.
Bit:
7
6
5
4
3
2
1
0
FWE
SWE
ESU
PSU
EV
PV
E
P
Initial value:
—*
0
0
0
0
0
0
0
R/W:
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Note:
*
Set according to the state of the FWE pin.
Bit 7—Flash Write Enable Bit (FWE): Sets hardware protection against flash memory
programming/erasing.
Bit 7
FWE
Description
0
When a low level is input to the FWE pin (hardware-protected state)
1
When a high level is input to the FWE pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com