Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 478 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 478 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 474Page - Renesas Technology Corp H8/3021 Datasheet HTML 475Page - Renesas Technology Corp H8/3021 Datasheet HTML 476Page - Renesas Technology Corp H8/3021 Datasheet HTML 477Page - Renesas Technology Corp H8/3021 Datasheet HTML 478Page - Renesas Technology Corp H8/3021 Datasheet HTML 479Page - Renesas Technology Corp H8/3021 Datasheet HTML 480Page - Renesas Technology Corp H8/3021 Datasheet HTML 481Page - Renesas Technology Corp H8/3021 Datasheet HTML 482Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 478 / 712 page
background image
15. ROM
Rev.2.00 Mar. 22, 2007 Page 454 of 684
REJ09B0352-0200
15.3
Pin Configuration
The flash memory is controlled by means of the pins shown in table 15.1.
Table 15.1
Pin Configuration
Pin Name
Abbreviation
I/O
Function
Reset
RES
Input
Reset
Flash write enable
FWE
Input
Flash program/erase protection by hardware
Mode 2
MD2
Input
Sets LSI operating mode
Mode 1
MD1
Input
Sets LSI operating mode
Mode 0
MD0
Input
Sets LSI operating mode
Transmit data
TxD1
Output
Serial transmit data output
Receive data
RxD1
Input
Serial receive data input
15.4
Register Configuration
The registers*
1 used to control the on-chip flash memory when enabled are shown in table 15.2.
Table 15.2
Register Configuration
Register Name
Abbreviation
R/W
Initial Value
Address*
2
Flash memory control register 1
FLMCR1*
1
R/W
H'00*
3
H'FF40
Flash memory control register 2
FLMCR2*
1
R
H'00
H'FF41
Erase block register 1
EBR1*
1
R/W
H'00
H'FF42
Erase block register 2
EBR2*
1
R/W
H'00
H'FF43
RAM emulation register
RAMER*
1
R/W
H'F0
H'FF47
Notes: 1. FLMCR1, FLMCR2, EBR1, and EBR2, and RAMER are 8-bit registers.
Byte access must be used on these registers (do not use word or longword access).
These registers are for use exclusively by the flash memory version, and are not
provided in the mask ROM version. Reads to the corresponding addresses in the mask
ROM version will always return 1, and writes to these addresses are invalid.
Access to address H'FF44 to H'FF46 and H'FF48 to H'FF4F (lower 16 bits) is
prohibited.
2. Lower 16 bits of the address.
3. When a high level is input to the FWE pin, the initial value is H'80.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com