Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 480 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 480 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 476Page - Renesas Technology Corp H8/3021 Datasheet HTML 477Page - Renesas Technology Corp H8/3021 Datasheet HTML 478Page - Renesas Technology Corp H8/3021 Datasheet HTML 479Page - Renesas Technology Corp H8/3021 Datasheet HTML 480Page - Renesas Technology Corp H8/3021 Datasheet HTML 481Page - Renesas Technology Corp H8/3021 Datasheet HTML 482Page - Renesas Technology Corp H8/3021 Datasheet HTML 483Page - Renesas Technology Corp H8/3021 Datasheet HTML 484Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 480 / 712 page
background image
15. ROM
Rev.2.00 Mar. 22, 2007 Page 456 of 684
REJ09B0352-0200
Bit 6—Software Write Enable Bit (SWE): Enables or disables flash memory programming and
erasing. Set this bit when setting bits 5 to 0, bits 7 to 0 of EBR1, and bits 3 to 0 of EBR2.
Bit 6
SWE
Description
0
Writes disabled
(Initial value)
1
Writes enabled
[Setting condition]
When FWE = 1
Note:
Do not execute a SLEEP instruction while the SWE bit is set to 1.
Bit 5—Erase Setup Bit (ESU): Prepares for a transition to erase mode. Do not set the SWE,
PSU, EV, PV, E, or P bit at the same time.
Bit 5
ESU
Description
0
Erase setup cleared
(Initial value)
1
Erase setup
[Setting condition]
When FWE = 1 and SWE = 1
Bit 4—Program Setup Bit (PSU): Prepares for a transition to program mode. Do not set the
SWE, ESU, EV, PV, E, or P bit at the same time.
Bit 4
PSU
Description
0
Program setup cleared
(Initial value)
1
Program setup
[Setting condition]
When FWE = 1 and SWE = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com