Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 485 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 485 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 481Page - Renesas Technology Corp H8/3021 Datasheet HTML 482Page - Renesas Technology Corp H8/3021 Datasheet HTML 483Page - Renesas Technology Corp H8/3021 Datasheet HTML 484Page - Renesas Technology Corp H8/3021 Datasheet HTML 485Page - Renesas Technology Corp H8/3021 Datasheet HTML 486Page - Renesas Technology Corp H8/3021 Datasheet HTML 487Page - Renesas Technology Corp H8/3021 Datasheet HTML 488Page - Renesas Technology Corp H8/3021 Datasheet HTML 489Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 485 / 712 page
background image
15. ROM
Rev.2.00 Mar. 22, 2007 Page 461 of 684
REJ09B0352-0200
Table 15.3
Flash Memory Erase Blocks
Block (Size)
Addresses
EB0 (4 kB)
H'000000–H'000FFF
EB1 (4 kB)
H'001000–H'001FFF
EB2 (4 kB)
H'002000–H'002FFF
EB3 (4 kB)
H'003000–H'003FFF
EB4 (4 kB)
H'004000–H'004FFF
EB5 (4 kB)
H'005000–H'005FFF
EB6 (4 kB)
H'006000–H'006FFF
EB7 (4 kB)
H'007000–H'007FFF
EB8 (32 kB)
H'008000–H'00FFFF
EB9 (64 kB)
H'010000–H'01FFFF
EB10 (64 kB)
H'020000–H'02FFFF
EB11 (64 kB)
H'030000–H'03FFFF
15.5.5
RAM Emulation Register (RAMER)
RAMER specifies the area of flash memory to be overlapped with part of RAM when emulating
real-time flash memory programming. RAMER initialized to H'F0 by a power-on reset and in
hardware standby mode. It is not initialized in software standby mode. RAMER settings should be
made in user mode or user program mode.
Flash memory area divisions are shown in table 15.4. To ensure correct operation of the emulation
function, the ROM for which RAM emulation is performed should not be accessed immediately
after this register has been modified. Normal execution of an access immediately after register
modification is not guaranteed.
Bit:
7
6
5
4
3
2
1
0
—
—
—
—
RAMS
RAM2
RAM1
RAM0
Initial value:
1
1
1
1
0
0
0
0
R/W:
R
R
R
R
R/W
R/W
R/W
R/W
Bits 7 to 4—Reserved: These bits always read 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com