Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 488 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 488 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 484Page - Renesas Technology Corp H8/3021 Datasheet HTML 485Page - Renesas Technology Corp H8/3021 Datasheet HTML 486Page - Renesas Technology Corp H8/3021 Datasheet HTML 487Page - Renesas Technology Corp H8/3021 Datasheet HTML 488Page - Renesas Technology Corp H8/3021 Datasheet HTML 489Page - Renesas Technology Corp H8/3021 Datasheet HTML 490Page - Renesas Technology Corp H8/3021 Datasheet HTML 491Page - Renesas Technology Corp H8/3021 Datasheet HTML 492Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 488 / 712 page
background image
15. ROM
Rev.2.00 Mar. 22, 2007 Page 464 of 684
REJ09B0352-0200
H8/3039F
H8/3022F
PROM mode
Use of PROM programmer
supporting Renesas
Technology microcomputer
device type with 128 kbytes
on-chip flash memory
(FZTAT128)
Use of PROM programmer
supporting Renesas
Technology microcomputer
device type with 256 kbytes
on-chip flash memory
(FZTAT256)
Notes: 1. See section 15.7, Programming/Erasing Flash Memory, for details of the H8/3022F
program/erase algorithms.
2. See section 18.2.5, Flash Memory Characteristics, for details of the H8/3022F flash
memory characteristics.
15.6
On-Board Programming Modes
When pins are set to on-board programming mode and a reset-start is executed, a transition is
made to the on-board programming state in which program/erase/verify operations can be
performed on the on-chip flash memory. There are two on-board programming modes: boot mode
and user program mode. The pin settings for transition to each of these modes are shown in table
15.6. For a diagram of the transitions to the various flash memory modes, see figure 15.2.
Table 15.6
Setting On-Board Programming Modes
Mode
FWE
MD2
MD1
MD0
Boot mode
Expanded modes
Mode 5
1*
1
0*
2
0
1
Mode 6
0*
2
1
0
Single-chip mode
Mode 7
0*
2
1
1
User program mode
Expanded modes
Mode 5
1
1
0
1
Mode 6
1
1
0
Single-chip mode
Mode 7
1
1
1
Notes: 1. For the high-level application timing, see items (6) and (7) in Notes on Use of Boot
Mode.
2. In boot mode, the MD2 setting should be the inverse of the input (0). In boot mode, the
mode control register (MDCR) can be used to monitor the status of modes 5, 6, and 7,
in the same way as in normal mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com