Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 490 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 490 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 486Page - Renesas Technology Corp H8/3021 Datasheet HTML 487Page - Renesas Technology Corp H8/3021 Datasheet HTML 488Page - Renesas Technology Corp H8/3021 Datasheet HTML 489Page - Renesas Technology Corp H8/3021 Datasheet HTML 490Page - Renesas Technology Corp H8/3021 Datasheet HTML 491Page - Renesas Technology Corp H8/3021 Datasheet HTML 492Page - Renesas Technology Corp H8/3021 Datasheet HTML 493Page - Renesas Technology Corp H8/3021 Datasheet HTML 494Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 490 / 712 page
background image
15. ROM
Rev.2.00 Mar. 22, 2007 Page 466 of 684
REJ09B0352-0200
n = N?
Yes
No
Set pins to boot program mode and execute reset-start
n = 1
n + 1
→ n
Host transfers data (H'00) continuously at prescribed
bit rate
H8/3022F measures low period of H'00 data transmitted
by host
After bit rate adjustment, H8/3022F transmits one H'00
data byte to host to indicate end of adjustment
Host confirms normal reception of bit rate adjustment
end indication (H'00), and transmits one H'55 data byte
After receiving H'55, H8/3022F transmits one H'AA data
byte to host
Host transmits number of programming control program
bytes (N), upper byte followed by lower byte
H8/3022F transmits received number of bytes to host
as verify data (echo-back)
Host transmits programming control program
sequentially in byte units
H8/3022F transmits received programming control
program to host as verify data (echo-back)
Transfer received programming control program
to on-chip RAM
End of transmission
Check flash memory data, and if data has already been
written, erase all blocks
After confirming that all flash memory data has been
erased, H8/3022F transmits one H'AA data byte to host
Execute programming control program transferred
to on-chip RAM
Start
H8/3022F calculates bit rate and sets value in bit rate
register
Note: If a memory cell malfunctions and cannot be erased, the H8/3022F sends one H'FF byte as an erase error, and stops
the erase operation and subsequent operations.
Figure 15.7 Boot Mode Execution Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com