Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 509 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 509 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 505Page - Renesas Technology Corp H8/3021 Datasheet HTML 506Page - Renesas Technology Corp H8/3021 Datasheet HTML 507Page - Renesas Technology Corp H8/3021 Datasheet HTML 508Page - Renesas Technology Corp H8/3021 Datasheet HTML 509Page - Renesas Technology Corp H8/3021 Datasheet HTML 510Page - Renesas Technology Corp H8/3021 Datasheet HTML 511Page - Renesas Technology Corp H8/3021 Datasheet HTML 512Page - Renesas Technology Corp H8/3021 Datasheet HTML 513Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 509 / 712 page
background image
15. ROM
Rev.2.00 Mar. 22, 2007 Page 485 of 684
REJ09B0352-0200
Figure 15.13 shows the flash memory state transition diagram.
RD VF PR ER FLER= 0
Error
occurrence
P= 1 or E= 1
P= 0
E= 0
Error
occurre
nce
(software
standby)
Reset or hardware standby
Reset
or
hardwar
e standby
or software
stan
dby
Reset
re
lease
and
hardw
are
standby
release
and
software
standby
release
Reset or hardware standby
Reset
or
hardware
standby
RD VF PR ER INIT FLER= 0
Program mode
Erase mode
RD VF
PR ER FLER= 0
Memory read
verify mode
Reset or standby
(hardware protection)
RD VF
PR ER FLER= 1
RD VF PR ER INIT FLER= 1
Error protection mode
Error protection mode
(software standby)
Software standby mode
Software standby
mode release
RD: Memory read possible
VF:
Verify-read possible
PR:
Programming possible
ER:
Erasing possible
RD: Memory read not possible
VF: Verify-read not possible
PR: Programming not possible
ER: Erasing not possible
INIT: Register (FLMCR, EBR) initialization state
Legend
Figure 15.13 Flash Memory State Transitions
(Modes 5, 6, and 7 (on-chip ROM enabled), high level applied to FWE pin)
The error protection function is invalid for abnormal operations other than the FLER bit setting
conditions. Also, if a certain time has elapsed before this protection state is entered, damage may
already have been caused to the flash memory. Consequently, this function cannot provide
complete protection against damage to flash memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com