Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 512 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 512 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 508Page - Renesas Technology Corp H8/3021 Datasheet HTML 509Page - Renesas Technology Corp H8/3021 Datasheet HTML 510Page - Renesas Technology Corp H8/3021 Datasheet HTML 511Page - Renesas Technology Corp H8/3021 Datasheet HTML 512Page - Renesas Technology Corp H8/3021 Datasheet HTML 513Page - Renesas Technology Corp H8/3021 Datasheet HTML 514Page - Renesas Technology Corp H8/3021 Datasheet HTML 515Page - Renesas Technology Corp H8/3021 Datasheet HTML 516Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 512 / 712 page
background image
15. ROM
Rev.2.00 Mar. 22, 2007 Page 488 of 684
REJ09B0352-0200
15.9
Flash Memory Emulation in RAM
Making a setting in the RAM emulation register (RAMER) enables part of RAM to be overlapped
onto the flash memory area so that data to be written to flash memory can be emulated in RAM in
real time. After the RAMER setting has been made, accesses cannot be made from the flash
memory area or the RAM area overlapping flash memory. Emulation can be performed in user
mode and user program mode. Figure 15.14 shows an example of emulation of real-time flash
memory programming.
Start of emulation program
End of emulation program
Tuning OK?
Yes
No
Set RAMER
Write tuning data to overlap
RAM
Execute application program
Clear RAMER
Write to flash memory emulation
block
Figure 15.14 Flowchart for Flash Memory Emulation in RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com