Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 516 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 516 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 512Page - Renesas Technology Corp H8/3021 Datasheet HTML 513Page - Renesas Technology Corp H8/3021 Datasheet HTML 514Page - Renesas Technology Corp H8/3021 Datasheet HTML 515Page - Renesas Technology Corp H8/3021 Datasheet HTML 516Page - Renesas Technology Corp H8/3021 Datasheet HTML 517Page - Renesas Technology Corp H8/3021 Datasheet HTML 518Page - Renesas Technology Corp H8/3021 Datasheet HTML 519Page - Renesas Technology Corp H8/3021 Datasheet HTML 520Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 516 / 712 page
background image
15. ROM
Rev.2.00 Mar. 22, 2007 Page 492 of 684
REJ09B0352-0200
15.11
Notes on Flash Memory Programming/Erasing
The following describes notes when using the on-board programming mode, RAM emulation
function, and PROM mode.
1. Program/erase with the specified voltage and timing.
Applied voltages in excess of the rating can permanently damage the device.
Use a PROM programmer that supports Renasas Technology microcomputer device type F-
ZTAT256V3 with 256-kbyte on-chip flash memory.
Do not set the PROM programmer at the HN28F101. If the PROM programmer is set to the
HN28F101 by mistake, a high level can be input to the FWE pin and the LSI can be destroyed.
2. Notes on powering on/powering off (See figures 15.17 to 15.19.)
Input a high level to the FWE pin after verifying Vcc. Before turning off Vcc, set the FWE pin
to a low level.
When powering on and powering off the Vcc power supply, fix the FWE pin a low level and
set the flash memory to the hardware protection mode.
Be sure that the powering on and powering off timing is satisfied even when the power is
turned off and back on in the event of a power interruption, etc. If this timing is not satisfied,
microcomputer runaway, etc., may cause overprogramming or overerasing and the memory
cells may not operate normally.
3. Notes on FWE pin High/Low switching (See figures 15.17 to 15.19.)
Input FWE in the state microcomputer operation is verified. If the microcomputer does not
satisfy the operation confirmation state, fix the FWE pin at a low level to set the protection
mode.
To prevent erroneous programming/erasing of flash memory, note the following in FWE pin
High/Low switching:
• Apply an input to the FWE pin after the V
CC voltage has stabilized within the rated
voltage.
If an input is applied to the FWE pin when the microcomputer V
CC voltage does not
satisfy the rated voltage (V
CC = 3.0 V to 3.6 V), flash memory may be erroneously
programmed or erased because the microcomputer is in the unconfirmed state.
• Apply an input to the FWE pin when the oscillation has stabilized (after the oscillation
stabilization time).
When turning on the V
CC power, apply an input to the FWE pin after holding the RES
pin at a low level during the oscillation stabilization time (t
osc1=20ms). Do not apply an
input to the FWE pin when oscillation is stopped or unstable.
• In the boot mode, perform FWE pin High/Low switching during reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com