Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 515 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 515 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 511Page - Renesas Technology Corp H8/3021 Datasheet HTML 512Page - Renesas Technology Corp H8/3021 Datasheet HTML 513Page - Renesas Technology Corp H8/3021 Datasheet HTML 514Page - Renesas Technology Corp H8/3021 Datasheet HTML 515Page - Renesas Technology Corp H8/3021 Datasheet HTML 516Page - Renesas Technology Corp H8/3021 Datasheet HTML 517Page - Renesas Technology Corp H8/3021 Datasheet HTML 518Page - Renesas Technology Corp H8/3021 Datasheet HTML 519Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 515 / 712 page
background image
15. ROM
Rev.2.00 Mar. 22, 2007 Page 491 of 684
REJ09B0352-0200
Figure 15.16 shows the memory map in PROM mode.
H'000000
MCU mode
PROM mode
H'03FFFF
H'00000
H'3FFFF
On-chip ROM
Figure 15.16 Memory Map in PROM Mode
15.10.2
Notes on Use of PROM Mode
1. A write to a 128-byte programming unit in PROM mode should be performed once only.
Erasing must be carried out before reprogramming an address that has already been
programmed.
2. When using a PROM programmer to reprogram a device on which on-board
programming/erasing has been performed, it is recommended that erasing be carried out before
executing programming.
3. The memory is initially in the erased state when the device is shipped by Renesas. For samples
for which the erasure history is unknown, it is recommended that erasing be executed to check
and correct the initialization (erase) level.
4. The H8/3022F does not support a product identification mode as used with general-purpose
EPROMs, and therefore the device name cannot be set automatically in the PROM
programmer.
5. Refer to the instruction manual provided with the socket adapter, or other relevant
documentation, for information on PROM programmer and associated program versions that
are compatible with the PROM mode of the H8/3022F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com