Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 514 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 514 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 510Page - Renesas Technology Corp H8/3021 Datasheet HTML 511Page - Renesas Technology Corp H8/3021 Datasheet HTML 512Page - Renesas Technology Corp H8/3021 Datasheet HTML 513Page - Renesas Technology Corp H8/3021 Datasheet HTML 514Page - Renesas Technology Corp H8/3021 Datasheet HTML 515Page - Renesas Technology Corp H8/3021 Datasheet HTML 516Page - Renesas Technology Corp H8/3021 Datasheet HTML 517Page - Renesas Technology Corp H8/3021 Datasheet HTML 518Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 514 / 712 page
background image
15. ROM
Rev.2.00 Mar. 22, 2007 Page 490 of 684
REJ09B0352-0200
3. Block area EB0 includes the vector table. When performing RAM emulation, the
vector table is needed by the overlap RAM.
4. As in on-board programming mode, care is required when applying and releasing FWE
to prevent erroneous programming or erasing. To prevent erroneous programming and
erasing due to program runaway during FWE application, in particular, the watchdog
timer should be set when the P or E bit is set to 1 in FLMCR1, even while the
emulation function is being used.
5. When the emulation function is used, NMI input is prohibited when the P bit or E bit is
set to 1 in FLMCR1, in the same way as with normal programming and erasing.
The P and E bits are cleared by a reset (including a watchdog timer reset), in standby
mode, when a high level is not being input to the FWE pin, or when the SWE bit in
FLMCR1 is 0 while a high level is being input to the FWE pin.
15.10
Flash Memory PROM Mode
The H8/3022F has a PROM mode as well as the on-board programming modes for programming
and erasing flash memory. In PROM mode, the on-chip ROM can be freely programmed using a
general-purpose PROM programmer that supports the Renesas Technology microcomputer device
type with 256-kbyte on-chip flash memory (FZTAT256).
15.10.1
Socket Adapters and Memory Map
In PROM mode using a PROM programmer, memory reading (verification) and writing and flash
memory initialization (total erasure) can be performed. For these operations, a special socket
adapter is mounted in the PROM programmer. The socket adapter product codes are given in table
15.13. In the H8/3022F PROM mode, only the socket adapters shown in this table should be used.
Table 15.13 H8/3022F Socket Adapter Product Codes
Part No.
Package
Socket Adapter
Product Code
Manufacturer
HD64F3022F
80-pin QFP (FP-80A)
ME3022ESHF1H
MINATO ELECTRONICS INC.
HD64F3022TE
80-pin TQFP (TFP-80C)
ME3022ESNF1H
HD64F3064F
80-pin QFP (FP-80A)
HF3022Q080D4001 DATA I/O CO.
HD64F3064TE
80-pin TQFP (TFP-80C)
HF3022T080D4001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com