Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 550 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 550 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 546Page - Renesas Technology Corp H8/3021 Datasheet HTML 547Page - Renesas Technology Corp H8/3021 Datasheet HTML 548Page - Renesas Technology Corp H8/3021 Datasheet HTML 549Page - Renesas Technology Corp H8/3021 Datasheet HTML 550Page - Renesas Technology Corp H8/3021 Datasheet HTML 551Page - Renesas Technology Corp H8/3021 Datasheet HTML 552Page - Renesas Technology Corp H8/3021 Datasheet HTML 553Page - Renesas Technology Corp H8/3021 Datasheet HTML 554Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 550 / 712 page
background image
18. Electrical Characteristics
Rev.2.00 Mar. 22, 2007 Page 526 of 684
REJ09B0352-0200
18.1.2
DC Characteristics
Table 18.2 lists the DC characteristics. Table 18.3 lists the permissible output currents.
Table 18.2
DC Characteristics
Conditions:
V
CC = 3.0 V to 3.6 V, AVCC = 3.6 V to 5.5 V,VSS = AVSS = 0 V*
1,
T
a = –20°C to +75°C
Item
Symbol
Min
Typ
Max
Unit
Test
Conditions
Schmitt
Port A,
V
T
–
V
CC × 0.2
—
—
V
trigger input
P8
0 to P81,
V
T
+
—
—
V
CC × 0.7
V
voltages
PB
0 to PB3
V
T
+ – V
T
–
V
CC × 0.04
—
—
V
Input high
voltage
RES, STBY,
NMI, MD
2, MD1,
MD
0
V
IH
V
CC × 0.9
—
V
CC + 0.3
V
EXTAL
V
CC × 0.7
—
V
CC + 0.3
V
Port 7
V
CC × 0.7
—
AV
CC + 0.3
V
Ports 1, 2, 3, 5,
6, 9, PB
4, PB5,
PB
7
V
CC × 0.7
—
V
CC + 0.3
V
Input low
voltage
RES, STBY,
MD
2, MD1, MD0
V
IL
–0.3
—
V
CC × 0.1
V
NMI, EXTAL,
ports 1, 2, 3, 5,
6, 7, 9, PB
4,
PB
5, PB7
–0.3
—
V
CC × 0.2
V
Output high
All output pins
V
OH
V
CC – 0.5
—
—
V
I
OH = –200 μA
voltage
(except
RESO)
V
CC × 1.0
—
—
V
I
OH = –1 mA
Output low
voltage
All output pins
(except
RESO)
V
OL
—
—
0.4
V
I
OL = 1.0 mA
Ports 1, 2, 5
and B
—
—
1.0
V
I
OL = 5 mA
RESO
—
—
0.4
V
I
OL = 1.6 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com