Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 554 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 554 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 550Page - Renesas Technology Corp H8/3021 Datasheet HTML 551Page - Renesas Technology Corp H8/3021 Datasheet HTML 552Page - Renesas Technology Corp H8/3021 Datasheet HTML 553Page - Renesas Technology Corp H8/3021 Datasheet HTML 554Page - Renesas Technology Corp H8/3021 Datasheet HTML 555Page - Renesas Technology Corp H8/3021 Datasheet HTML 556Page - Renesas Technology Corp H8/3021 Datasheet HTML 557Page - Renesas Technology Corp H8/3021 Datasheet HTML 558Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 554 / 712 page
background image
18. Electrical Characteristics
Rev.2.00 Mar. 22, 2007 Page 530 of 684
REJ09B0352-0200
18.1.3
AC Characteristics
Bus timing parameters are listed in table 18.4. Control signal timing parameters are listed in table
18.5. Timing parameters of the on-chip supporting modules are listed in table 18.6.
Table 18.4
Bus Timing
Conditions: V
CC = 3.0 V to 3.6 V, AVCC = 3.6 V to 5.5 V, VSS = AVSS = 0 V,
φ = 2 MHz to 18 MHz, T
a = –20°C to +75°C
Item
Symbol
Min
Max
Unit
Test Conditions
Clock cycle time
t
cyc
55.5
500
ns
Figure 18.7,
Clock low pulse width
t
CL
17
—
Figure 18.8
Clock high pulse width
t
CH
17
—
Clock rise time
t
Cr
—
10
Clock fall time
t
Cf
—
10
Address delay time
t
AD
—
25
Address hold time
t
AH
10
—
Address strobe delay time
t
ASD
—
25
Write strobe delay time
t
WSD
—
25
Strobe delay time
t
SD
—
25
Write data strobe pulse width 1
t
WSW1*
32
—
Write data strobe pulse width 2
t
WSW2*
62
—
Address setup time 1
t
AS1
10
—
Address setup time 2
t
AS2
38
—
Read data setup time
t
RDS
15
—
Read data hold time
t
RDH
0
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com