Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 551 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 551 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 547Page - Renesas Technology Corp H8/3021 Datasheet HTML 548Page - Renesas Technology Corp H8/3021 Datasheet HTML 549Page - Renesas Technology Corp H8/3021 Datasheet HTML 550Page - Renesas Technology Corp H8/3021 Datasheet HTML 551Page - Renesas Technology Corp H8/3021 Datasheet HTML 552Page - Renesas Technology Corp H8/3021 Datasheet HTML 553Page - Renesas Technology Corp H8/3021 Datasheet HTML 554Page - Renesas Technology Corp H8/3021 Datasheet HTML 555Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 551 / 712 page
background image
18. Electrical Characteristics
Rev.2.00 Mar. 22, 2007 Page 527 of 684
REJ09B0352-0200
Item
Symbol
Min
Typ
Max
Unit
Test
Conditions
Input leakage
current
STBY, NMI,
RES, MD
2,
MD
1, MD0
|I
in|
—
—
1.0
μA
V
in = 0.5 to
V
CC – 0.5 V
Port 7
—
—
1.0
μA
V
in = 0.5 to
AV
CC – 0.5 V
Three-state
leakage current
Ports 1, 2, 3, 5,
6, 8 to B
|I
TSI|
—
—
1.0
μA
V
in = 0.5 to
V
CC – 0.5 V
(off state)
RESO
—
—
10.0
Input pull-up
MOS current
Ports 2 and 5
–I
p
10
—
300
μA
V
in = 0 V
Input
NMI,
RES
C
in
—
—
50
pF
V
in = 0 V
capacitance
All input pins
except NMI and
RES
—
—
20
f = 1 MHz
T
a = 25°C
Current
dissipation*
2
Normal
operation
I
CC*
4
—
28
48
mA
f = 18 MHz
Sleep mode
—
21
35
f = 18 MHz
Standby
—
0.1
10
μA
T
a ≤ 50°C
mode*
3
—
—
80
50°C < T
a
Analog power
supply current
During A/D
conversion
AI
CC
—
1.7
2.8
mA
AV
CC = 5.0 V
Idle
—
0.2
10
μA
RAM standby voltage
V
RAM
2.0
—
—
V
Notes: 1. If the A/D converter is not used, do not leave the AV
CC and AVSS pins open.
Connect AV
CC to VCC, and connect AVSS to VSS.
2. Current dissipation values are for V
IH min = VCC – 0.5 V and VIL max = 0.5 V with all
output pins unloaded and the on-chip pull-up transistors in the off state.
3. The values are for V
RAM ≤ VCC < 3.6 V, VIH min = VCC × 0.9, and VIL max = 0.3 V.
4. I
CC depends on VCC and f as follows:
I
CC max = 3.0 (mA) + 0.7 (mA/MHz ⋅ V) × VCC × f (normal operation)
I
CC max = 3.0 (mA) + 0.5 (mA/MHz ⋅ V) × VCC × f (sleep mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com