Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 698 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 698 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 694Page - Renesas Technology Corp H8/3021 Datasheet HTML 695Page - Renesas Technology Corp H8/3021 Datasheet HTML 696Page - Renesas Technology Corp H8/3021 Datasheet HTML 697Page - Renesas Technology Corp H8/3021 Datasheet HTML 698Page - Renesas Technology Corp H8/3021 Datasheet HTML 699Page - Renesas Technology Corp H8/3021 Datasheet HTML 700Page - Renesas Technology Corp H8/3021 Datasheet HTML 701Page - Renesas Technology Corp H8/3021 Datasheet HTML 702Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 698 / 712 page
background image
Appendix D. Pin States
Rev.2.00 Mar. 22, 2007 Page 674 of 684
REJ09B0352-0200
Pin Name
Mode
Reset State
Hardware
Standby
Mode
Software
Standby
Mode
Program
Execution State
Sleep Mode
P8
0
1, 3, 5, 6
T
T
keep
I/O port
7
T
T
keep
I/O port
P8
1
1, 3, 5, 6
T
T
[DDR = 0]
T
[DDR = 0]
Input port
[DDR = 1]
H
[DDR = 1]
H
7
T
T
keep
I/O port
P9
5 to P90
1, 3, 5 to 7
T
T
keep
I/O port
PA
3 to PA0
1, 3, 5 to 7
T
T
keep
I/O port
PA
6 to PA4
3, 6
T
T
[ADRCR = 0]
T
[ADRCR = 1]
keep
[ADRCR = 0]
A
21 to A23
[ADRCR = 1]
I/O port
1, 5, 7
T
T
keep
I/O port
PA
7
3, 6
L
T
T
A
20
1, 5, 7
T
T
keep
I/O port
PB
7, PB5 to
PB
0
1, 3, 5 to 7
T
T
keep
I/O port
Legend
H:
High
L:
Low
T:
High-impedance state
keep: Input pins are in the high-impedance state; output pins maintain their previous state.
DDR: Data direction register
ADRCR: Address control register
Notes: 1. Mask ROM version. Dedicated FWE input pin for the F-ZTAT version.
2. Low output only when WDT overflows causes a reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com