Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 701 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 701 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 697Page - Renesas Technology Corp H8/3021 Datasheet HTML 698Page - Renesas Technology Corp H8/3021 Datasheet HTML 699Page - Renesas Technology Corp H8/3021 Datasheet HTML 700Page - Renesas Technology Corp H8/3021 Datasheet HTML 701Page - Renesas Technology Corp H8/3021 Datasheet HTML 702Page - Renesas Technology Corp H8/3021 Datasheet HTML 703Page - Renesas Technology Corp H8/3021 Datasheet HTML 704Page - Renesas Technology Corp H8/3021 Datasheet HTML 705Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 701 / 712 page
background image
Appendix D. Pin States
Rev.2.00 Mar. 22, 2007 Page 677 of 684
REJ09B0352-0200
Reset in T3 State: Figure D.3 is a timing diagram for the case in which
RES goes low during the
T
3 state of an external memory access cycle. As soon as RES goes low, all ports are initialized to
the input state.
AS, RD, and WR go high, and the data bus goes to the high-impedance state. The
address bus outputs are held during the T
3 state.The same timing applies when a reset occurs in the
T
2 state of an access cycle to a two-state-access area.
φ
RES
High impedance
High impedance
Internal
reset signal
Access to external address
T1
T2
T3
H'000000
RD (read access)
(modes 1, 3, 5, 6)
WR (write access)
(modes 1, 3, 5, 6)
Data bus
(write access)
(modes 1, 3, 5, 6)
I/O port
(modes 1, 3, 5 to 7)
Address bus
(modes 1, 3, 5, 6)
AS (modes 1, 3, 5, 6)
Figure D.3 Reset during Memory Access (Reset during T3 State)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com