Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 702 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 702 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 698Page - Renesas Technology Corp H8/3021 Datasheet HTML 699Page - Renesas Technology Corp H8/3021 Datasheet HTML 700Page - Renesas Technology Corp H8/3021 Datasheet HTML 701Page - Renesas Technology Corp H8/3021 Datasheet HTML 702Page - Renesas Technology Corp H8/3021 Datasheet HTML 703Page - Renesas Technology Corp H8/3021 Datasheet HTML 704Page - Renesas Technology Corp H8/3021 Datasheet HTML 705Page - Renesas Technology Corp H8/3021 Datasheet HTML 706Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 702 / 712 page
background image
Appendix E. Timing of Transition to and Recovery from Hardware Standby Mode
Rev.2.00 Mar. 22, 2007 Page 678 of 684
REJ09B0352-0200
Appendix E Timing of Transition to and Recovery from
Hardware Standby Mode
Timing of Transition to Hardware Standby Mode
(1) To retain RAM contents with the RAME bit set to 1 in SYSCR, drive the
RES signal low 10
system clock cycles before the
STBY signal goes low, as shown below. RES must remain low
until
STBY goes low (minimum delay from STBY low to RES high: 0 ns).
t1 ≥ 10tcyc
t2 ≥ 0 ns
STBY
RES
(2) When the RAME bit is cleared to 0 in SYSCR, or when RAM contents do not need to be
retained,
RES does not have to be driven low as in (1).
Timing of Recovery from Hardware Standby Mode: Drive the
RES signal low approximately
100 ns before
STBY goes high.
STBY
RES
t
≥ 100 ns
tOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com