Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 706 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 706 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 702Page - Renesas Technology Corp H8/3021 Datasheet HTML 703Page - Renesas Technology Corp H8/3021 Datasheet HTML 704Page - Renesas Technology Corp H8/3021 Datasheet HTML 705Page - Renesas Technology Corp H8/3021 Datasheet HTML 706Page - Renesas Technology Corp H8/3021 Datasheet HTML 707Page - Renesas Technology Corp H8/3021 Datasheet HTML 708Page - Renesas Technology Corp H8/3021 Datasheet HTML 709Page - Renesas Technology Corp H8/3021 Datasheet HTML 710Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 706 / 712 page
background image
Appendix H. Comparison of H8/300H Series Product Specifications
Rev.2.00 Mar. 22, 2007 Page 682 of 684
REJ09B0352-0200
Appendix H Comparison of H8/300H Series
Product Specifications
H.1
Differences between H8/3039F and H8/3022F
Table H.1
Differences between H8/3039F and H8/3022F
H8/3039F
H8/3022F
Operating
range
Operating
power supply
voltage
4.5 V to 5.5 V
3.0 V to 5.5 V
3.0 V to 3.6 V
Operating
frequency
1 MHz to
18 MHz
1 MHz to
10 MHz
2 MHz to 18 MHz
On-chip RAM
4 kbytes
8 kbytes
Flash memory Size
128 kbytes
256 kbytes
Program/erase
voltage
Supplied from V
CC
Supplied from V
CC
Programming
unit
32-byte simultaneous
programming
Write pulse application method
= 150
μs × 4 + 500 μs × 399
128-byte simultaneous
programming
Write pulse application method
= 30
μs × 6 + 200 μs × 994
(with 10 µs additional
programming)
Block
configuration
8 blocks
• 1 kbyte × 4
• 28 kbytes × 1
• 32 kbytes × 3
12 blocks
• 4 kbytes × 8
• 32 kbytes × 1
• 64 kbytes × 3
EBR register
configuration
EBR
I/O address: H'FF42
7
EB7
6
EB6
5
EB5
4
EB4
3
EB3
2
EB2
1
EB1
0
EB0
EBR1
I/O address: H'FF42
7
EB7
6
EB6
5
EB5
4
EB4
3
EB3
2
EB2
1
EB1
0
EB0
EBR2
I/O address: H'FF43
7
—
6
—
5
—
4
—
3
EB11
2
EB10
1
EB9
0
EB8
Flash error
FLMSR
I/O address: H'FF4D
7
FLER
6
—
5
—
4
—
3
—
2
—
1
—
0
—
FLMCR2
I/O address: H'FF41
7
FLER
6
—
5
—
4
—
3
—
2
—
1
—
0
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com