Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 707 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 707 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 703Page - Renesas Technology Corp H8/3021 Datasheet HTML 704Page - Renesas Technology Corp H8/3021 Datasheet HTML 705Page - Renesas Technology Corp H8/3021 Datasheet HTML 706Page - Renesas Technology Corp H8/3021 Datasheet HTML 707Page - Renesas Technology Corp H8/3021 Datasheet HTML 708Page - Renesas Technology Corp H8/3021 Datasheet HTML 709Page - Renesas Technology Corp H8/3021 Datasheet HTML 710Page - Renesas Technology Corp H8/3021 Datasheet HTML 711Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 707 / 712 page
background image
Appendix H. Comparison of H8/300H Series Product Specifications
Rev.2.00 Mar. 22, 2007 Page 683 of 684
REJ09B0352-0200
H8/3039F
H8/3022F
Flash memory RAM
emulation
register
configuration
RAMCR
I/O address: H'FF47
7
—
6
—
5
—
4
—
3
RAMS
2
RAM2
1
RAM1
0
—
RAMER
I/O address: H'FF47
7
—
6
—
5
—
4
—
3
RAMS
2
RAM2
1
RAM1
0
RAM0
RAM
emulation
RAM area
1 kbytes
(H'FF800 to H'FFBFF)
4 kbytes
(H'FE000 to H'FEFFF)
Applicable
blocks
EB0 to EB3
EB0 to EB7
Flash memory
programming
modes
Boot mode bit
rate
9,600 bps, 4,800 bps
19,200 bps, 9,600 bps,
4,800bps
PROM mode
Use of PROM programmer
supporting Renesas Technology
microcomputer device type with
128-kbyte on-chip flash memory
(FZTAT128)
Use of PROM programmer
supporting Renesas Technology
microcomputer device type with
256-kbyte on-chip flash memory
(FZTAT256)
Oscillation stabilization wait
time (with external clock)
Arbitrary setting
Wait time setting of 0.1 ms or
more
Electrical
characteristics
Operating
temperature
Regular product:
–20°C to +75°C
Product with wide-range
temperature specifications:
–40°C to +85°C
–20°C to +75°C
Standby
current
Ta
≤ 50°C: 5 μA
Ta
> 50°C: 20 μA
Ta
≤ 50°C: 10 μA
Ta
> 50°C: 80 μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com