Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 705 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 705 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 701Page - Renesas Technology Corp H8/3021 Datasheet HTML 702Page - Renesas Technology Corp H8/3021 Datasheet HTML 703Page - Renesas Technology Corp H8/3021 Datasheet HTML 704Page - Renesas Technology Corp H8/3021 Datasheet HTML 705Page - Renesas Technology Corp H8/3021 Datasheet HTML 706Page - Renesas Technology Corp H8/3021 Datasheet HTML 707Page - Renesas Technology Corp H8/3021 Datasheet HTML 708Page - Renesas Technology Corp H8/3021 Datasheet HTML 709Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 705 / 712 page
background image
Appendix G. Package Dimensions
Rev.2.00 Mar. 22, 2007 Page 681 of 684
REJ09B0352-0200
NOTE)
1. DIMENSIONS"*1"AND"*2"
DO NOT INCLUDE MOLD FLASH
2. DIMENSION"*3"DOES NOT
INCLUDE TRIM OFFSET.
12
0.6
0.5
0.4
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
12
1.00
14.2
14.0
13.8
1.0
H1
L
e
e
c1
A1
E
A2
HD
A
bp
b1
c
x
y
ZD
ZE
L1
D
13.8
14.0
14.2
1.20
0.00
0.10
0.20
0.17
0.22
0.27
0.20
0.12
0.17
0.22
0.15
0°
8°
0.5
0.10
0.10
1.25
1.25
Index mark
*1
*3
y
F
80
1
M
x
20
21
61
60
41
40
D
D
p
b
H
D
Z
Detail F
1
L
L
1
p
Terminal cross section
b
b
θ
θ
P-TQFP80-12x12-0.50
0.4g
MASS[Typ.]
TFP-80C/TFP-80CV
PTQP0080KC-A
RENESAS Code
JEITA Package Code
Previous Code
Figure G.2 Package Dimensions (TFP-80C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com