Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 37Page - Renesas Technology Corp R8C/15 Datasheet HTML 38Page - Renesas Technology Corp R8C/15 Datasheet HTML 39Page - Renesas Technology Corp R8C/15 Datasheet HTML 40Page - Renesas Technology Corp R8C/15 Datasheet HTML 41Page - Renesas Technology Corp R8C/15 Datasheet HTML 42Page - Renesas Technology Corp R8C/15 Datasheet HTML 43Page - Renesas Technology Corp R8C/15 Datasheet HTML 44Page - Renesas Technology Corp R8C/15 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 277 page
background image
R8C/14 Group, R8C/15 Group
6. Voltage Detection Circuit
Rev.2.10
Jan 19, 2006
Page 29 of 253
REJ09B0164-0210
Figure 6.5
VW1C Register
Voltage Monitor 1 Circuit Control Register
(1)
Symbol
Address
After Reset(2)
VW1C
0036h
Hardw are Reset : 0000X000b
Pow er-On Reset, Voltage Monitor 1 Reset :
0100X001b
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2.
3.
b3 b2
Set to “0”.
RW
b1 b0
0
b7 b6 b5 b4
VW1C0
RW
Voltage Monitor 1 Reset Enable
Bit(3)
0 : Disable
1 : Enable
0 : Digital filter enabled mode
(digital filter circuit enabled)
1 : Digital filter disabled mode
(digital filter circuit disabled)
RW
VW1C2
Reserved Bit
VW1C1
Voltage Monitor 1 Digital Filter
Disable Mode Select Bit
—
(b3)
Reserved Bit
VW1F1
RW
Sampling Clock Select Bit
b5 b4
0 0 : fRING-S divide-by-1
0 1 : fRING-S divide-by-2
1 0 : fRING-S divide-by-4
1 1 : fRING-S divide-by-8
VW1F0
RW
When read, its content is indeterminate.
RO
VW1C6
Voltage Monitor 1 Circuit Mode
Select Bit
When the VW1C0 bit is set to “1” (enables
voltage monitor 1 reset), set to “1”.
RW
VW1C7
Voltage Monitor 1 Reset
Generation Condition Select Bit
When the VW1C1 bit is set to “1” (digital filter
disabled mode), set to “1”.
RW
Set the PRC3 bit in the PRCR register to “1” (w rite enable) before w riting to this register.
When rew riting the VW1C register, the VW1C2 bit may be set to “1”. Set the VW1C2 bit to “0” after rew riting the
VW1C register.
The value after reset remains unchanged in softw are reset, w atchdogi timer reset and voltage monitor 2 reset.
The VW1C0 bit is enabled w hen the VCA26 bit in the VCA2 register is set to “1” (voltage detection 1 circuit
enabled). Set the VW1C0 bit to “0” (disable), w hen the VCA26 bit is set to “0” (voltage detection 1 circuit disabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com