Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 60Page - Renesas Technology Corp R8C/15 Datasheet HTML 61Page - Renesas Technology Corp R8C/15 Datasheet HTML 62Page - Renesas Technology Corp R8C/15 Datasheet HTML 63Page - Renesas Technology Corp R8C/15 Datasheet HTML 64Page - Renesas Technology Corp R8C/15 Datasheet HTML 65Page - Renesas Technology Corp R8C/15 Datasheet HTML 66Page - Renesas Technology Corp R8C/15 Datasheet HTML 67Page - Renesas Technology Corp R8C/15 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 277 page
background image
R8C/14 Group, R8C/15 Group
9. Clock Generation Circuit
Rev.2.10
Jan 19, 2006
Page 52 of 253
REJ09B0164-0210
Figure 9.8 shows the State Transition of Power Control.
Figure 9.8
State Transition of Power Control
There are six power control modes.
(1) High-speed mode
(2) Middle-speed mode
(3) High-speed on-chip oscillator mode
(4) Low-speed on-chip oscillator mode
(5) Wait mode
(6) Stop mode
CM05: Bit in CM0 register
CM10, CM13, CM14: Bit in CM1 register
OCD2: Bit in OCD register
HRA00, HRA01: Bit in HRA0 register
High-speed Mode,
Middle-speed Mode
High-speed On-chip
Oscillator Mode
OCD2=0
CM05=0
CM13=1
OCD2=1
HRA01=1
HRA00=1
Reset
Wait Mode
Stop Mode
Interrupt
CM10=1
(
All oscillators stop)
Interrupt
WAIT
Instruction
OCD2=1
HRA01=0
CM14=0
Low-speed On-chip
Oscillator Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com