Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 82Page - Renesas Technology Corp R8C/15 Datasheet HTML 83Page - Renesas Technology Corp R8C/15 Datasheet HTML 84Page - Renesas Technology Corp R8C/15 Datasheet HTML 85Page - Renesas Technology Corp R8C/15 Datasheet HTML 86Page - Renesas Technology Corp R8C/15 Datasheet HTML 87Page - Renesas Technology Corp R8C/15 Datasheet HTML 88Page - Renesas Technology Corp R8C/15 Datasheet HTML 89Page - Renesas Technology Corp R8C/15 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 277 page
background image
R8C/14 Group, R8C/15 Group
11. Interrupt
Rev.2.10
Jan 19, 2006
Page 74 of 253
REJ09B0164-0210
11.3
Key Input Interrupt
A key input interrupt request is generated by one of the input edges of the K10 to K13 pins. The key
input interrupt can be used as a key-on wake-up function to exit wait or stop mode.
The KIiEN (i=0 to 3) bit in the KIEN register can select whether the pins are used as KIi input. The KIiPL
bit in the KIEN register can select the input polarity.
When inputting “L” to the KIi pin which sets the KIiPL bit to “0” (falling edge), the input of the other K10 to
K13 pins are not detected as interrupts. Also, when inputting “H” to the KIi pin which sets the KIiPL bit to
“1” (rising edge), the input of the other K10 to K13 pins are not detected as interrupts.
Figure 11.17 shows a Block Diagram of Key Input Interrupt.
Figure 11.17
Block Diagram of Key Input Interrupt
KI3
Pull-Up
Transistor
KI2
Pull-Up
Transistor
KI3PL=0
KI3PL=1
PD1_3 Bit
KI3EN Bit
PU02 bit in PUR0 register
PD1_3 bit in PD1 register
KUPIC Register
Interrupt Control
Circuit
Key Input Interrupt
Request
KI2PL=0
KI2PL=1
PD1_2 Bit
KI2EN Bit
KI1
Pull-Up
Transistor
KI1PL=0
KI1PL=1
PD1_1 Bit
KI1EN Bit
KI0
Pull-Up
Transistor
KI0PL=0
KI0PL=1
PD1_0 Bit
KI0EN Bit
KI0EN, KI1EN, KI2EN, KI3EN,
KI0PL, KI1PL, KI2PL, KI3PL: Bits in KIEN register
PD1_0, PD1_1, PD1_2, PD1_3: Bits in PD1 register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com