Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 27Page - Renesas Technology Corp R8C/15 Datasheet HTML 28Page - Renesas Technology Corp R8C/15 Datasheet HTML 29Page - Renesas Technology Corp R8C/15 Datasheet HTML 30Page - Renesas Technology Corp R8C/15 Datasheet HTML 31Page - Renesas Technology Corp R8C/15 Datasheet HTML 32Page - Renesas Technology Corp R8C/15 Datasheet HTML 33Page - Renesas Technology Corp R8C/15 Datasheet HTML 34Page - Renesas Technology Corp R8C/15 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 277 page
background image
R8C/14 Group, R8C/15 Group
5. Reset
Rev.2.10
Jan 19, 2006
Page 19 of 253
REJ09B0164-0210
5.
Reset
There are resets: hardware reset, power-on reset, voltage monitor 1 reset, voltage monitor 2 reset,
watchdog timer reset and software reset. Table 5.1 lists the Reset Name and Factor.
Figure 5.1
Block Diagram of Reset Circuit
Table 5.1
Reset Name and Factor
Reset Name
Factor
Hardware Reset
Input voltage of RESET pin is held “L”
Power-On Reset
VCC rises
Voltage Monitor 1 Reset
VCC falls (monitor voltage : Vdet1)
Voltage Monitor 2 Reset
VCC falls (monitor voltage : Vdet2)
Watchdog Timer Reset
Underflow of watchdog timer
Software Reset
Write “1” to PM03 bit in PM0 register
RESET
Power-On
Reset Circuit
Voltage
Detection
Circuit
Watchdog
Timer
CPU
Voltage Monitor 1 Reset
SFR
VCA26,
VW1C0 and
VW1C6 bits
SFR
VCA13, VCA27,
VW1C1, VW1C2,
VW1F0, VW1F1, VW1C7,
VW2C2 and VW2C3 bits
Pin, CPU and
SFR other than
above
VCC
Hardware Reset
Power-On Reset
Voltage Monitor 2 Reset
Watchdog Timer
Reset
Software Reset
VCA13 : Bit in VCA1 register
VCA26, VCA27 : Bits in VCA2 register
VW1C0 to VW1C2, VW1F0, VW1F1, VW1C6, VW1C7 : Bits in VW1C register
VW2C2, VW2C3 bits : Bits in VW2C register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com