Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 55Page - Renesas Technology Corp R8C/15 Datasheet HTML 56Page - Renesas Technology Corp R8C/15 Datasheet HTML 57Page - Renesas Technology Corp R8C/15 Datasheet HTML 58Page - Renesas Technology Corp R8C/15 Datasheet HTML 59Page - Renesas Technology Corp R8C/15 Datasheet HTML 60Page - Renesas Technology Corp R8C/15 Datasheet HTML 61Page - Renesas Technology Corp R8C/15 Datasheet HTML 62Page - Renesas Technology Corp R8C/15 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 277 page
background image
R8C/14 Group, R8C/15 Group
9. Clock Generation Circuit
Rev.2.10
Jan 19, 2006
Page 47 of 253
REJ09B0164-0210
9.3
CPU Clock and Peripheral Function Clock
There are two type clocks: a CPU clock to operate the CPU and a peripheral function clock to operate
the peripheral functions. Refer to Figure 9.1 Clock Generation Circuit.
9.3.1
System Clock
The system clock is a clock source for the CPU and peripheral function clocks. The main clock or on-
chip oscillator clock can be selected.
9.3.2
CPU Clock
The CPU clock is an operating clock for the CPU and watchdog timer.
The system clock can be the divide-by-1 (no division), 2, 4, 8 or 16 to produce the CPU clock. Use
the CM06 bit in the CM0 register and the CM16 to CM17 bits in the CM1 register to select the value
of the division.
After reset, the low-speed on-chip oscillator clock divided-by-8 provides the CPU clock.
When entering stop mode from high-speed or medium-speed mode, the CM06 bit is set to “1”
(divide-by-8 mode).
9.3.3
Peripheral Function Clock (f1, f2, f4, f8, f32)
The peripheral function clock is operating clock for the peripheral functions.
The clock fi (i=1, 2, 4, 8, 32) is generated by the system clock divided-by-i. The clock fi is used for
timers X, Y, Z, C, serial interface and A/D converter.
When the WAIT instruction is executed after setting the CM02 bit in the CM0 register to “1”
(peripheral function clock stops in wait mode), the clock fi stops.
9.3.4
fRING and fRING128
fRING and fRING128 are operating clocks for the peripheral functions.
The fRING runs at the same frequency as the on-chip oscillator clock and can be used as the source
for the timer X. The fRING128 is generated by the fRING by dividing it by 128 and can be used for
the timer C.
When the WAIT instruction is executed, the clocks fRING and fRING128 do not stop.
9.3.5
fRING-fast
fRING-fast is used as the count source for the timer C. The fRING-fast is generated by the high-
speed on-chip oscillator and provided by setting the HRA00 bit to “1”.
When the WAIT instruction is executed, the clock fRING-fast does not stop.
9.3.6
fRING-S
fRING-S is an operating clock for the watchdog timer and voltage detection circuit. When setting the
CM14 bit to “0” (low-speed on-chip oscillator on) using the clock generated by the low-speed on-chip
oscillator, the fRING-S can be provided. When the WAIT instruction is executed or in count source
protect mode of the watchdog timer, fRING-S does not stop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com