Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 7Page - Renesas Technology Corp R8C/15 Datasheet HTML 8Page - Renesas Technology Corp R8C/15 Datasheet HTML 9Page - Renesas Technology Corp R8C/15 Datasheet HTML 10Page - Renesas Technology Corp R8C/15 Datasheet HTML 11Page - Renesas Technology Corp R8C/15 Datasheet HTML 12Page - Renesas Technology Corp R8C/15 Datasheet HTML 13Page - Renesas Technology Corp R8C/15 Datasheet HTML 14Page - Renesas Technology Corp R8C/15 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 277 page
background image
B - 1
NOTES:
1.
Blank columns are all reserved space. No access is
allowed.
Address
Register
Symbol
Page
0000h
0001h
0002h
0003h
0004h
Processor Mode Register 0
PM0
35
0005h
Processor Mode Register 1
PM1
36
0006h
System Clock Control Register 0
CM0
40
0007h
System Clock Control Register 1
CM1
41
0008h
0009h
Address Match Interrupt Enable Register
AIER
77
000Ah
Protect Register
PRCR
55
000Bh
000Ch
Oscillation Stop Detection Register
OCD
42
000Dh
Watchdog Timer Reset Register
WDTR
80
000Eh
Watchdog Timer Start Register
WDTS
80
000Fh
Watchdog Timer Control Register
WDC
79
0010h
Address Match Interrupt Register 0
RMAD0
77
0011h
0012h
0013h
0014h
Address Match Interrupt Register 1
RMAD1
77
0015h
0016h
0017h
0018h
0019h
001Ah
001Bh
001Ch
Count Source Protection Mode Register
CSPR
80
001Dh
001Eh
INT0 Input Filter Select Register
INT0F
69
001Fh
0020h
High-Speed On-Chip Oscillator Control
Register 0
HRA0
43
0021h
High-Speed On-Chip Oscillator Control
Register 1
HRA1
44
0022h
High-Speed On-Chip Oscillator Control
Register 2
HRA2
44
0023h
0024h
0025h
0026h
0027h
0028h
0029h
002Ah
002Bh
002Ch
002Dh
002Eh
002Fh
0030h
0031h
Voltage Detection Register 1
VCA1
28
0032h
Voltage Detection Register 2
VCA2
28
0033h
0034h
0035h
0036h
Voltage Monitor 1 Circuit Control Register
VW1C
29
0037h
Voltage Monitor 2 Circuit Control Register
VW2C
30
0038h
0039h
003Ah
003Bh
003Ch
003Dh
003Eh
003Fh
Address
Register
Symbol
Page
0040h
0041h
0042h
0043h
0044h
0045h
0046h
0047h
0048h
0049h
004Ah
004Bh
004Ch
004Dh
Key Input Interrupt Control Register
KUPIC
61
004Eh
A/D Conversion Interrupt Control Register
ADIC
61
004Fh
SSU Interrupt Control Register
SSUAIC
61
0050h
Compare 1 Interrupt Control Register
CMP1IC
61
0051h
UART0 Transmit Interrupt Control Register
S0TIC
61
0052h
UART0 Receive Interrupt Control Register
S0RIC
61
0053h
0054h
0055h
0056h
Timer X Interrupt Control Register
TXIC
61
0057h
0058h
Timer Z Interrupt Control Register
TZIC
61
0059h
INT1 Interrupt Control Register
INT1IC
61
005Ah
INT3 Interrupt Control Register
INT3IC
61
005Bh
Timer C Interrupt Control Register
TCIC
61
005Ch
Compare 0 Interrupt Control Register
CMP0IC
61
005Dh
INT0 Interrupt Control Register
INT0IC
62
005Eh
005Fh
0060h
0061h
0062h
0063h
0064h
0065h
0066h
0067h
0068h
0069h
006Ah
006Bh
006Ch
006Dh
006Eh
006Fh
0070h
0071h
0072h
0073h
0074h
0075h
0076h
0077h
0078h
0079h
007Ah
007Bh
007Ch
007Dh
007Eh
007Fh
SFR Page Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com