Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 77Page - Renesas Technology Corp R8C/15 Datasheet HTML 78Page - Renesas Technology Corp R8C/15 Datasheet HTML 79Page - Renesas Technology Corp R8C/15 Datasheet HTML 80Page - Renesas Technology Corp R8C/15 Datasheet HTML 81Page - Renesas Technology Corp R8C/15 Datasheet HTML 82Page - Renesas Technology Corp R8C/15 Datasheet HTML 83Page - Renesas Technology Corp R8C/15 Datasheet HTML 84Page - Renesas Technology Corp R8C/15 Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 277 page
background image
R8C/14 Group, R8C/15 Group
11. Interrupt
Rev.2.10
Jan 19, 2006
Page 69 of 253
REJ09B0164-0210
11.2
INT Interrupt
11.2.1
INT0 Interrupt
The INT0 interrupt is generated by an INT0 input. When using the INT0 interrupt, the INT0EN bit in
the INTEN register is set to “1” (enable). The edge polarity is selected using the INT0PL bit in the
INTEN register and the POL bit in the INT0IC register.
Inputs can be passed through a digital filter with three different sampling clocks.
The INT0 pin is shared with the external trigger input pin of timer Z.
Figure 11.11 shows the INTEN and INT0F Registers.
Figure 11.11
INTEN and INT0F Registers
INT0
_______
Input Filter Select Register
Symbol
Address
After Reset
INT0F
001Eh
00h
Bit Symbol
Bit Name
Function
RW
INT0
_____
Input Filter Select Bit
INT0F0
RW
INT0F1
RW
b7 b6 b5 b4 b3 b2 b1 b0
RW
Reserved Bit
Nothing is assigned. When w rite, set to “0”.
When read, its content is indeterminate.
b1 b0
0 0 : No filter
0 1 : Filter w ith f1 sampling
1 0 : Filter w ith f8 sampling
1 1 : Filter w ith f32 sampling
—
—
(b7-b3)
—
(b2)
Set to “0”
0
External Input Enable Register
Symbol
Address
After Reset
INTEN
0096h
00h
Bit Symbol
Bit Name
Function
RW
INT0
_____
Input Enable Bit(1)
INT0
_____
Input Polarity Select Bit(2,3)
NOTES :
1.
2.
3.
RW
INT0EN
When setting the INT0PL bit to “1” (both edges), set the POL bit in the INT0IC register to “0” (selects falling
edge).
The IR bit in the INT0IC register may be set to “1” (requests interrupt) w hen the INT0PL bit is rew ritten. Refer to 20.2.5
Changing Interrupt Factor.
0 : Disable
1 : Enable
0 : One edge
1 : Both edges
Set to “0”
Reserved Bit
RW
INT0PL
RW
00
b4
000
0
—
(b7-b2)
Set the INT0EN bit w hile the INOSTG bit in the PUM register is set to “0” (one-shot trigger disabled).
b3 b2 b1 b0
b7 b6 b5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com