Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 38Page - Renesas Technology Corp R8C/15 Datasheet HTML 39Page - Renesas Technology Corp R8C/15 Datasheet HTML 40Page - Renesas Technology Corp R8C/15 Datasheet HTML 41Page - Renesas Technology Corp R8C/15 Datasheet HTML 42Page - Renesas Technology Corp R8C/15 Datasheet HTML 43Page - Renesas Technology Corp R8C/15 Datasheet HTML 44Page - Renesas Technology Corp R8C/15 Datasheet HTML 45Page - Renesas Technology Corp R8C/15 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 277 page
background image
R8C/14 Group, R8C/15 Group
6. Voltage Detection Circuit
Rev.2.10
Jan 19, 2006
Page 30 of 253
REJ09B0164-0210
Figure 6.6
VW2C Register
Voltage Monitor 2 Circuit Control Register
(1)
Symbol
Address
After Reset(8)
VW2C
0037h
00h
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2.
3.
4.
5.
6.
7.
8.
9.
10. Set the VW2C0 bit to “0” (disabled) under the conditions of the VCA13 bit in the VCA1 register set to “1” (VCC
≥
Vdet2 or voltage detection 2 circuit disabled), the VW2C1 bit set to “1” (digital filter disabled mode) and the VW2C7
bit set to “0” (w hen VCC reaches Vdet2 or above).
Set the VW2C0 bit to “0” (disabled) under the conditions of the VCA13 bit set to “0” (VCC < Vdet2), the VW2C1 bit
set to “1” (digital filter disabled mode) and the VW2C7 bit set to “1” (w hen VCC reaches Vdet2 or below ).
b2
0 : Not detected
1 : Vdet2 pass detected
RW
b1 b0
b7 b6 b5 b4 b3
VW2C0
RW
Voltage Monitor 2 Interrupt /
Reset Enable Bit(6, 10)
0 : Disable
1 : Enable
0 : Digital filter enabled mode
(digital filter circuit enabled)
1 : Digital filter disabled mode
(digital filter circuit disabled)
RW
VW2C2
Voltage Change Detection
Flag(3,4,8)
VW2C1
Voltage Monitor 2 Digital Filter
Disable Mode Select Bit(2)
VW2C3
WDT Detection Flag(4,8)
VW2F1
RW
Sampling Clock Select Bit
b5 b4
0 0 : fRING-S divide-by-1
0 1 : fRING-S divide-by-2
1 0 : fRING-S divide-by-4
1 1 : fRING-S divide-by-8
VW2F0
RW
0 : Not detected
1 : Detected
RW
VW2C6
Voltage Monitor 2 Circuit Mode
Select Bit(5)
0 : Voltage monitor 2 interrupt mode
1 : Voltage monitor 2 reset mode
RW
VW2C7
Voltage Monitor 2 Interrupt /
Reset Generation Condition
Select Bit(7,9)
0 : When VCC reaches Vdet2 or above
1 : When VCC reaches Vdet2 or below
RW
When the VW2C6 bit is set to “1” (voltage monitor 2 reset mode), set the VW2C7 bit to “1” (w hen VCC
reaches to Vdet2 or below )(do not set to “0”).
Set the PRC3 bit in the PRCR register to “1” (rew rite enable) before w riting to this register.
When rew riting the VW2C register, the VW2C2 bit may be set to “1”. Set the VW2C2 bit to “0” after rew riting the
VW2C register.
When the voltage monitor 2 interrupt is used to exit stop mode and to return again, w rite “0” to the VW2C1
bit before w riting “1”.
This bit is enabled w hen the VCA27 bit in the VCA2 register is set to “1” (voltage detection 2 circuit
enabled).
Set this bit to “0” by a program. When w riting “0” by a program, it is set to “0” (It remains unchanged even if it is set
to “1”).
This bit is enabled w hen the VW2C0 bit is set to “1” (voltage monitor 2 interrupt / enables reset).
The VW2C0 bit is enabled w hen the VCA27 bit in the VCA2 register is set to “1” (voltage detection 2 circuit
enabled). Set the VW2C0 bit to “0” (disable) w hen the VCA27 bit is set to “0” (voltage detection 2 circuit disabled).
The VW2C7 bit is enabled w hen the VW2C1 bit is set to “1” (digital filter disabled mode).
The VW2C2 and VW2C3 bits remain unchanged in the softw are reset, w atchdog timer reset and voltage monitor 2
reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com