Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 79Page - Renesas Technology Corp R8C/15 Datasheet HTML 80Page - Renesas Technology Corp R8C/15 Datasheet HTML 81Page - Renesas Technology Corp R8C/15 Datasheet HTML 82Page - Renesas Technology Corp R8C/15 Datasheet HTML 83Page - Renesas Technology Corp R8C/15 Datasheet HTML 84Page - Renesas Technology Corp R8C/15 Datasheet HTML 85Page - Renesas Technology Corp R8C/15 Datasheet HTML 86Page - Renesas Technology Corp R8C/15 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 277 page
background image
R8C/14 Group, R8C/15 Group
11. Interrupt
Rev.2.10
Jan 19, 2006
Page 71 of 253
REJ09B0164-0210
11.2.3
INT1 Interrupt
The INT1 interrupt is generated by INT1 inputs. The edge polarity is selected by the R0EDG bit in the
TXMR register.
When the CNTRSEL bit in the UCON register is set to “0”, the INT10 pin becomes the INT1 input pin.
When the CNTRSEL bit is set to “1”, the INT11 pin becomes the INT1 input pin.
The INT10 pin is shared with the CNTR00 pin and the INT11 pin is shared with the CNTR01 pin.
Figure 11.14 shows the TXMR Register when INT1 Interrupt is Used.
Figure 11.14
TXMR Register when INT1 Interrupt is Used
Timer X Mode Register
Symbol
Address
After Reset
TXMR
008Bh
00h
Bit Symbol
Bit Name
Function
RW
INT1
_____
/CNTR0 Polarity Sw itch
Bit(2)
P3_7/CNTR0
________
Select Bit
NOTES :
1.
2.
3.
RW
TXOCNT
Function varies depending on operating mode
TXS
Timer X Count Start Flag(3)
0 : Stops counting
1 : Starts counting
Operating Mode Select Bit 0,
1(1)
b1 b0
0 0 : Timer mode or pulse period measurement
mode
0 1 : Do not set
1 0 : Event count mode
1 1 : Pulse w idth measurement mode
b3 b2 b1 b0
b7 b6 b5 b4
TXMOD0
TXEDG
RW
RW
TXMOD1
RW
R0EDG
RW
0 : Rising edge
1 : Falling edge
Function varies depending on operating mode
Active Edge Reception Flag
RW
TXMOD2
Operating Mode Select
Bit 2
0 : Other than pulse period measurement mode
1 : Pulse period measurement mode
RW
Refer to 20.4.2 Tim er X for precautions on the TXS bit.
TXUND
RW
When using INT1
_____
interrupt, select modes other than pulse output mode.
The IR bit in the INT1IC register may be set to “1” (requests interrupt) w hen the R0EDG bit is rew ritten. Refer to
20.2.5 Changing Interrupt Factor.
Timer X Underflow Flag
Function varies depending on operating mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com