Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 8Page - Renesas Technology Corp R8C/15 Datasheet HTML 9Page - Renesas Technology Corp R8C/15 Datasheet HTML 10Page - Renesas Technology Corp R8C/15 Datasheet HTML 11Page - Renesas Technology Corp R8C/15 Datasheet HTML 12Page - Renesas Technology Corp R8C/15 Datasheet HTML 13Page - Renesas Technology Corp R8C/15 Datasheet HTML 14Page - Renesas Technology Corp R8C/15 Datasheet HTML 15Page - Renesas Technology Corp R8C/15 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 277 page
background image
B - 2
NOTES:
1.
Blank columns, 0100h to 01AFh and 01C0h to 02FFh are
all reserved. No access is allowed.
Address
Register
Symbol
Page
0080h
Timer Z Mode Register
TZMR
99
0081h
0082h
0083h
0084h
Timer Z Waveform Output Control Register
PUM
101
0085h
Prescaler Z
PREZ
100
0086h
Timer Z Secondary
TZSC
100
0087h
Timer Z Primary
TZPR
100
0088h
0089h
008Ah
Timer Z Output Control Register
TZOC
101
008Bh
Timer X Mode Register
TXMR
85
008Ch
Prescaler X
PREX
86
008Dh
Timer X
TX
86
008Eh
Timer Count Source Set Register
TCSS
86,102
008Fh
0090h
Timer C
TC
117
0091h
0092h
0093h
0094h
0095h
0096h
External Input Enable Register
INTEN
69
0097h
0098h
Key Input Enable Register
KIEN
75
0099h
009Ah
Timer C Control Register 0
TCC0
118
009Bh
Timer C Control Register 1
TCC1
119
009Ch
Capture, Compare 0 Register
TM0
117
009Dh
009Eh
Compare 1 Register
TM1
117
009Fh
00A0h
UART0 Transmit/Receive Mode Register
U0MR
128
00A1h
UART0 Bit Rate Register
U0BRG
127
00A2h
UART0 Transmit Buffer Register
U0TB
127
00A3h
00A4h
UART0 Transmit/Receive Control Register 0
U0C0
128
00A5h
UART0 Transmit/Receive Control Register 1
U0C1
129
00A6h
UART0 Receive Buffer Register
U0RB
127
00A7h
00A8h
00A9h
00AAh
00ABh
00ACh
00ADh
00AEh
00AFh
00B0h
UART Transmit/Receive Control Register 2
UCON
129
00B1h
00B2h
00B3h
00B4h
00B5h
00B6h
00B7h
00B8h
SS Control Register H
SSCRH
142
00B9h
SS Control Register L
SSCRL
143
00BAh
SS Mode Register
SSMR
144
00BBh
SS Enable Register
SSER
145
00BCh
SS Status Register
SSSR
146
00BDh
SS Mode Register 2
SSMR2
147
00BEh
SS Transmit Data Register
SSTDR
148
00BFh
SS Receive Data Register
SSRDR
148
Address
Register
Symbol
Page
00C0h
A/D Register
AD
171
00C1h
00C2h
00C3h
00C4h
00C5h
00C6h
00C7h
00C8h
00C9h
00CAh
00CBh
00CCh
00CDh
00CEh
00CFh
00D0h
00D1h
00D2h
00D3h
00D4h
A/D Control Register 2
ADCON2
171
00D5h
00D6h
A/D Control Register 0
ADCON0
170
00D7h
A/D Control Register 1
ADCON1
170
00D8h
00D9h
00DAh
00DBh
00DCh
00DDh
00DEh
00DFh
00E0h
00E1h
Port P1 Register
P1
184
00E2h
00E3h
Port P1 Direction Register
PD1
184
00E4h
00E5h
Port P3 Register
P3
184
00E6h
00E7h
Port P3 Direction Register
PD3
184
00E8h
Port P4 Register
P4
184
00E9h
00EAh
Port P4 Direction Register
PD4
184
00EBh
00ECh
00EDh
00EEh
00EFh
00F0h
00F1h
00F2h
00F3h
00F4h
00F5h
00F6h
00F7h
00F8h
00F9h
00FAh
00FBh
00FCh
Pull-Up Control Register 0
PUR0
185
00FDh
Pull-Up Control Register 1
PUR1
185
00FEh
Port P1 Drive Capacity Control Register
DRR
185
00FFh
Timer C Output Control Register
TCOUT
120
01B3h
Flash Memory Control Register 4
FMR4
201
01B4h
01B5h
Flash Memory Control Register 1
FMR1
201
01B6h
01B7h
Flash Memory Control Register 0
FMR0
200
0FFFFh
Optional Function Select Register
OFS
79,196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com