Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 118Page - Renesas Technology Corp R8C/15 Datasheet HTML 119Page - Renesas Technology Corp R8C/15 Datasheet HTML 120Page - Renesas Technology Corp R8C/15 Datasheet HTML 121Page - Renesas Technology Corp R8C/15 Datasheet HTML 122Page - Renesas Technology Corp R8C/15 Datasheet HTML 123Page - Renesas Technology Corp R8C/15 Datasheet HTML 124Page - Renesas Technology Corp R8C/15 Datasheet HTML 125Page - Renesas Technology Corp R8C/15 Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 277 page
background image
R8C/14 Group, R8C/15 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 110 of 253
REJ09B0164-0210
Figure 13.20
Operating Example in Programmable One-Shot Generation Mode
Count Source
00h
01h
TZOS Bit in TZOC
Register
TZOPL bit in PUM
Register
Contents of Timer Z
TZOUT Pin Input
IR Bit in TZIC
Register
The above applies to the following conditions.
PREZ=01h, TZPR=01h
TZOPL bit in PUM register=0, INOSTG bit=1 (INT0 one-shot trigger enabled)
INOSEG bit=1 (edge trigger at rising edge)
Prescaler Z
Underflow Signal
Count
starts
Timer Z
primary
reloads
Waveform
output ends
TZS Bit in TZMR
Register
"1"
"0"
Set to "1" by program
Set to "0" when
counting ends
Set to "1" by INT0 pin
input trigger
INT0 Pin Input
01h
00h
01h
Waveform
output starts
Set to "0" when interrupt request i s
acknowledged, or set to "0" by
program
"1"
"0"
"1"
"0"
"1"
"0"
"1"
"0"
"H"
"L"
Set to "1" by program
Count
starts
Timer Z
primary
reloads
Set to "0" by program
Waveform
output starts
Waveform
output ends



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com