Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 184Page - Renesas Technology Corp R8C/15 Datasheet HTML 185Page - Renesas Technology Corp R8C/15 Datasheet HTML 186Page - Renesas Technology Corp R8C/15 Datasheet HTML 187Page - Renesas Technology Corp R8C/15 Datasheet HTML 188Page - Renesas Technology Corp R8C/15 Datasheet HTML 189Page - Renesas Technology Corp R8C/15 Datasheet HTML 190Page - Renesas Technology Corp R8C/15 Datasheet HTML 191Page - Renesas Technology Corp R8C/15 Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 277 page
background image
R8C/14 Group, R8C/15 Group
16. A/D Converter
Rev.2.10
Jan 19, 2006
Page 176 of 253
REJ09B0164-0210
16.3
Sample and Hold
When the SMP bit in the ADCON2 register is set to “1” (with sample and hold function), A/D conversion
rate per pin increases to 28
φAD cycles for 8-bit resolution or 33φAD cycles for 10-bit resolution. The
sample and hold function is available in all operating modes. Start the A/D conversion after selecting
whether the sample and hold circuit is to be used or not.
When performing the A/D conversion, charge the comparator capacitor in the microcomputer.
Figure 16.6 shows the Timing Diagram of A/D Conversion.
Figure 16.6
Timing Diagram of A/D Conversion
16.4
A/D Conversion Cycles
Figure 16.7 shows the A/D Conversion Cycles.
Figure 16.7
A/D Conversion Cycles
Sampling Time
4ø AD cycle
Sample & Hold
Disabled
Conversion time at the 1st bit
at the 2nd bit
Comparison
Time
Sampling Time
2.5ø AD cycle
Comparison
Time
Sampling Time
2.5ø AD cycle
Comparison
Time
* Repeat until conversion ends
Sampling Time
4ø AD cycle
Sample & Hold
Enabled
Conversion time at the 1st bit
at the 2nd bit
Comparison
Time
Comparison
Time
Comparison
Time
* Repeat until conversion ends
Comparison
Time
A/D Conversion Mode
Without Sample & Hold
Without Sample & Hold
With Sample & Hold
With Sample & Hold
8 bits
10 bits
8 bits
10 bits
Conversion
Time
Comparison
Time
Comparison
Time
End process
Sampling
Time
End process
Conversion time at the 1st bit
Sampling
Time
Conversion time at the 2nd
bit and the follows
49
φAD
4
φAD
2.0
φAD
2.5
φAD
2.5
φAD
8.0
φAD
59
φAD
4
φAD
2.0
φAD
2.5
φAD
2.5
φAD
8.0
φAD
28
φAD
4
φAD
2.5
φAD
0.0
φAD
2.5
φAD
4.0
φAD
33
φAD
4
φAD
2.5
φAD
0.0
φAD
2.5
φAD
4.0
φAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com