Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 220 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 220 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 216Page - Renesas Technology Corp R8C/15 Datasheet HTML 217Page - Renesas Technology Corp R8C/15 Datasheet HTML 218Page - Renesas Technology Corp R8C/15 Datasheet HTML 219Page - Renesas Technology Corp R8C/15 Datasheet HTML 220Page - Renesas Technology Corp R8C/15 Datasheet HTML 221Page - Renesas Technology Corp R8C/15 Datasheet HTML 222Page - Renesas Technology Corp R8C/15 Datasheet HTML 223Page - Renesas Technology Corp R8C/15 Datasheet HTML 224Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 277 page
background image
R8C/14 Group, R8C/15 Group
18. Flash Memory Version
Rev.2.10
Jan 19, 2006
Page 208 of 253
REJ09B0164-0210
Figure 18.13
Block Erase Command (When Using Erase-Suspend Function)
Start
Write the command code “20h”
Write “D0h” to the any block
address
FMR00=1?
Full status check
Block erase completed
No
Yes
<EW0 Mode>
FMR40=1
Maskable interrupt (1, 2)
FMR46=1 ?
REIT
No
Yes
FMR41=1
FMR41=0
Access to flash memory
Start
Write the command code “20h”
Write “D0h” to the any block
address
FMR00=1 ?
Full status check
Block erase completed
No
Yes
<EW1 Mode>
FMR40=1
Maskable interrupt (2)
REIT
Access to flash memory
FMR41=0
NOTES :
1. In EW0 mode, interrupt vector table and interrupt routine for an interrupt to be used should
be allocated in RAM area.
2. td(SR-ES) is needed until the interrupt request is acknowledged after it is generated. The interrupt
to enter an erase-suspend should be in interrupt enabled status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com