Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 235 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 235 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 231Page - Renesas Technology Corp R8C/15 Datasheet HTML 232Page - Renesas Technology Corp R8C/15 Datasheet HTML 233Page - Renesas Technology Corp R8C/15 Datasheet HTML 234Page - Renesas Technology Corp R8C/15 Datasheet HTML 235Page - Renesas Technology Corp R8C/15 Datasheet HTML 236Page - Renesas Technology Corp R8C/15 Datasheet HTML 237Page - Renesas Technology Corp R8C/15 Datasheet HTML 238Page - Renesas Technology Corp R8C/15 Datasheet HTML 239Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 277 page
background image
R8C/14 Group, R8C/15 Group
19. Electrical Characteristics
Rev.2.10
Jan 19, 2006
Page 223 of 253
REJ09B0164-0210
NOTES:
1.
The measurement condition is VCC = AVCC = 5.0V and Topr = 25
°C.
2.
The standard value shows when the HRA1 register is assumed as the value in shipping and the HRA2 register value is set to
00h.
NOTES:
1.
The measurement condition is VCC = AVCC = 2.7 to 5.5V and Topr = 25
°C.
2.
Waiting time until the internal power supply generation circuit stabilizes during power-on.
3.
Time until CPU clock supply starts since the interrupt is acknowledged to exit stop mode.
NOTES:
1.
VCC = AVCC = 2.7 to 5.5V, VSS = 0V at Topr = -20 to 85
°C / -40 to 85 °C, unless otherwise specified.
2.
1tCYC = 1/f1(s)
Table 19.10
High-speed On-Chip Oscillator Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
−
High-Speed On-Chip Oscillator Frequency
When the Reset is Deasserted
VCC = 5.0V, Topr = 25
°C
−
8
−
MHz
−
High-Speed On-Chip Oscillator Frequency
Temperature
• Supplay Voltage Dependence
0 to +60
°C / 5 V ± 5 %(2)
7.44
−
8.56
MHz
−20 to +85 °C / 2.7 to 5.5 V(2)
7.04
−
8.96
MHz
−40 to +85 °C / 2.7 to 5.5 V(2)
6.80
−
9.20
MHz
Table 19.11
Power Supply Circuit Timing Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
td(P-R)
Time for Internal Power Supply Stabilization during
Power-On(2)
1
−
2000
µs
td(R-S)
STOP Exit Time(3)
−−
150
µs
Table 19.12
Timing Requirements of Clock Synchronous Serial I/O (SSU) with Chip Select(1)
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
tSUCYC
SSCK Clock Cycle Time
4
−−
tCYC(2)
tHI
SSCK Clock “H” Width
0.4
−
0.6
tSUCYC
tLO
SSCK Clock “L” Width
0.4
−
0.6
tSUCYC
tRISE
SSCK Clock Rising Time
Master
−−
1
tCYC(2)
Slave
−−
1
µs
tFALL
SSCK Clock Falling Time
Master
−−
1
tCYC(2)
Slave
−−
1
µs
tSU
SSO, SSI Data Input Setup Time
100
−−
ns
tH
SSO, SSI Data Input Hold Time
1
−−
tCYC(2)
tLEAD
SCS Setup Time
Slave
1tCYC+50
−−
ns
tLAG
SCS Hold Time
Slave
1tCYC+50
−−
ns
tOD
SSO, SSI Data Output Delay Time
−−
1
tCYC(2)
tSA
SSI Slave Access Time
−−
1.5tCYC+100
ns
tOR
SSI Slave Out Open Time
−−
1.5tCYC+100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com