Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C/15 Datasheet(PDF) 245 Page - Renesas Technology Corp

Part # R8C/15
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/15 Datasheet(HTML) 245 Page - Renesas Technology Corp

Back Button R8C/15 Datasheet HTML 241Page - Renesas Technology Corp R8C/15 Datasheet HTML 242Page - Renesas Technology Corp R8C/15 Datasheet HTML 243Page - Renesas Technology Corp R8C/15 Datasheet HTML 244Page - Renesas Technology Corp R8C/15 Datasheet HTML 245Page - Renesas Technology Corp R8C/15 Datasheet HTML 246Page - Renesas Technology Corp R8C/15 Datasheet HTML 247Page - Renesas Technology Corp R8C/15 Datasheet HTML 248Page - Renesas Technology Corp R8C/15 Datasheet HTML 249Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 277 page
background image
R8C/14 Group, R8C/15 Group
19. Electrical Characteristics
Rev.2.10
Jan 19, 2006
Page 233 of 253
REJ09B0164-0210
Timing requirements (Unless otherwise specified: VCC = 3V, VSS = 0V at Topr = 25
°C) [VCC = 3V]
NOTES:
1.
When using the Timer C input capture mode, adjust the cycle time (1/Timer C count source frequency x 3) or above.
2.
When using the Timer C input capture mode, adjust the width (1/Timer C count source frequency x 1.5) or above.
NOTES:
1.
When selecting the digital filter by the INT0 input filter select bit, use the INT0 input HIGH width to the greater value, either
(1/digital filter clock frequency x 3) or the minimum value of standard.
2.
When selecting the digital filter by the INT0 input filter select bit, use the INT0 input LOW width to the greater value, either
(1/digital filter clock frequency x 3) or the minimum value of standard.
Table 19.22
XIN Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(XIN)
XIN Input Cycle Time
100
−
ns
tWH(XIN)
XIN Input “H” Width
40
−
ns
tWL(XIN)
XIN Input “L” Width
40
−
ns
Table 19.23
CNTR0 Input, CNTR1 Input, INT1 Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(CNTR0)
CNTR0 Input Cycle Time
300
−
ns
tWH(CNTR0)
CNTR0 Input “H” Width
120
−
ns
tWL(CNTR0)
CNTR0 Input “L” Width
120
−
ns
Table 19.24
TCIN Input, INT3 Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TCIN)
TCIN Input Cycle Time
1,200(1)
−
ns
tWH(TCIN)
TCIN Input “H” Width
600(2)
−
ns
tWL(TCIN)
TCIN Input “L” Width
600(2)
−
ns
Table 19.25
Serial Interface
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(CK)
CLKi Input Cycle Time
300
−
ns
tW(CKH)
CLKi Input “H” Width
150
−
ns
tW(CKL)
CLKi Input “L” Width
150
−
ns
td(C-Q)
TXDi Output Delay Time
−
80
ns
th(C-Q)
TXDi Hold Time
0
−
ns
tsu(D-C)
RXDi Input Setup Time
70
−
ns
th(C-D)
RCDi Input Hold Time
90
−
ns
Table 19.26
External Interrupt INT0 Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tW(INH)
INT0 Input “H” Width
380(1)
−
ns
tW(INL)
INT0 Input “L” Width
380(2)
−
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com