Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 331 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 331 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 327Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 328Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 329Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 330Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 331Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 332Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 333Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 334Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 335Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 615 page
background image
Timer A
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-14
2.2.3 Operation of Timer A (timer mode, gate function selected)
Figure 2.2.8. Operation timing of timer mode, gate function selected
In timer mode, choose functions from those listed in Table 2.2.2. Operations of the circled items are
described below. Figure 2.2.8 shows the operation timing, and Figure 2.2.9 shows the set-up procedure.
Item
Count source
Pulse output function
Gate function
Set-up
O
O
O
Internal count source(f1 / f8 / f32 / fc32)
No pulses output
Pulses output
No gate function
Performs count only for the period in which the TAiIN pin is at “L” level
Performs count only for the period in which the TAiIN pin is at “H” level
Table 2.2.2. Choosed functions
(1) When the count start flag is set to “1” and the TAiIN pin inputs at “H” level, the counter per-
forms a down count on the count source.
(2) When the TAiIN pin inputs at “L” level, the counter holds its value and stops.
(3) If an underflow occurs, the content of the reload register is reloaded and the count continues.
At this time, the timer Ai interrupt request bit goes to “1”.
(4) Setting the count start flag to “0” causes the counter to hold its value and to stop.
• Make the pulse width of the signal input to the TAiIN pin not less than two cycles of the count
source.
Operation
Note
FFFF16
n
000016
Time
Count start flag
Timer Ai interrupt
request bit
“1”
“1”
n = reload register content
TAiIN pin
input signal
(2) Stop count
“0”
“0”
Set to “1” by software
“H”
“L”
(4) Stop count
(1) Start count
Cleared to “0” when interrupt request is accepted, or cleared by software
(3) Underflow
Set to “1” by software
Cleared to “0” by
software
Start count again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com