Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 65Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 66Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 67Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 68Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 69Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 70Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 71Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 72Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Interrupt
1-50
Table 1.11.2. Interrupts assigned to the variable vector tables and addresses of vector tables
Software interrupt number
Interrupt source
Vector table address
Address (L) to address (H)
Remarks
Cannot be masked I flag
+0 to +3 (Note 1)
BRK instruction
Software interrupt number 0
+44 to +47 (Note 1)
Software interrupt number 11
+48 to +51 (Note 1)
Software interrupt number 12
+52 to +55 (Note 1)
Software interrupt number 13
+56 to +59 (Note 1)
Software interrupt number 14
+68 to +71 (Note 1)
Software interrupt number 17
+72 to +75 (Note 1)
Software interrupt number 18
+76 to +79 (Note 1)
Software interrupt number 19
+80 to +83 (Note 1)
Software interrupt number 20
+84 to +87 (Note 1)
Software interrupt number 21
+88 to +91 (Note 1)
Software interrupt number 22
+92 to +95 (Note 1)
Software interrupt number 23
+96 to +99 (Note 1)
Software interrupt number 24
+100 to +103 (Note 1)
Software interrupt number 25
+104 to +107 (Note 1)
Software interrupt number 26
+108 to +111 (Note 1)
Software interrupt number 27
+112 to +115 (Note 1)
Software interrupt number 28
+116 to +119 (Note 1)
Software interrupt number 29
+120 to +123 (Note 1)
Software interrupt number 30
+124 to +127 (Note 1)
Software interrupt number 31
+128 to +131 (Note 1)
Software interrupt number 32
+252 to +255 (Note 1)
Software interrupt number 63
to
Note 1: Address relative to address in interrupt table register (INTB).
Note 2: It is selected by interrupt request cause bit (bit 6, 7 in address 035F16 ).
Note 3: When IIC mode is selected, NACK and ACK interrupts are selected.
Cannot be masked I flag
+40 to +43 (Note 1)
Software interrupt number 10
+60 to +63 (Note 1)
Software interrupt number 15
+64 to +67 (Note 1)
Software interrupt number 16
+20 to +23 (Note 1)
Software interrupt number 5
+24 to +27 (Note 1)
Software interrupt number 6
+28 to +31 (Note 1)
Software interrupt number 7
+32 to +35 (Note 1)
Software interrupt number 8
+16 to +19 (Note 1)
INT3
Software interrupt number 4
+36 to +39 (Note 1)
SI/O3/INT4
Software interrupt number 9
SI/O4/INT5
Timer B3
Timer B4
Timer B5
(Note 2)
(Note 2)
to
DMA0
DMA1
Key input interrupt
A-D
UART0 transmit
UART0 receive
UART1 transmit
UART1 receive
Timer A0
Timer A1
Timer A2
Timer A3
Timer A4
Timer B0
Timer B1
Timer B2
INT0
INT1
INT2
Software interrupt
Bus collision detection
UART2 transmit/NACK (Note 3)
UART2 receive/ACK (Note 3)
• Variable vector tables
The addresses in the variable vector table can be modified, according to the user’s settings. Indicate
the first address using the interrupt table register (INTB). The 256-byte area subsequent to the ad-
dress the INTB indicates becomes the area for the variable vector tables. One vector table comprises
four bytes. Set the first address of the interrupt routine in each vector table. Table 1.11.2 shows the
interrupts assigned to the variable vector tables and addresses of vector tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com