Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 64Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 65Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 66Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 67Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 68Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 69Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 70Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 71Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Interrupt
1-49
Interrupt source
Vector table addresses
Remarks
Address (L) to address (H)
Undefined instruction
FFFDC16 to FFFDF16
Interrupt on UND instruction
Overflow
FFFE016 to FFFE316
Interrupt on INTO instruction
BRK instruction
FFFE416 to FFFE716
If the vector contains FF16, program execution starts from
the address shown by the vector in the variable vector table
Address match
FFFE816 to FFFEB16
There is an address-matching interrupt enable bit
Single step (Note)
FFFEC16 to FFFEF16
Do not use
Watchdog timer
FFFF016 to FFFF316
________
DBC (Note)
FFFF416 to FFFF716
Do not use
_______
NMI
FFFF816 to FFFFB16
_______
External interrupt by input to NMI pin
Reset
FFFFC16 to FFFFF16
Note: Interrupts used for debugging purposes only.
Figure 1.11.2. Format for specifying interrupt vector addresses
Mid address
Low address
0 0 0 0
High address
0 0 0 0
0 0 0 0
Vector address + 0
Vector address + 1
Vector address + 2
Vector address + 3
LSB
MSB
Interrupts and Interrupt Vector Tables
If an interrupt request is accepted, a program branches to the interrupt routine set in the interrupt vector
table. Set the first address of the interrupt routine in each vector table. Figure 1.11.2 shows the format for
specifying the address.
Two types of interrupt vector tables are available — fixed vector table in which addresses are fixed and
variable vector table in which addresses can be varied by the setting.
• Fixed vector tables
The fixed vector table is a table in which addresses are fixed. The vector tables are located in an area
extending from FFFDC16 to FFFFF16. One vector table comprises four bytes. Set the first address of
interrupt routine in each vector table. Table 1.11.1 shows the interrupts assigned to the fixed vector
tables and addresses of vector tables.
Table 1.11.1. Interrupts assigned to the fixed vector tables and addresses of vector tables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com